Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP6272 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRP6272
Description  2A 5V-Adjustable Low Dropout Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6272 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRP6272 Datasheet HTML 2Page - Exar Corporation XRP6272 Datasheet HTML 3Page - Exar Corporation XRP6272 Datasheet HTML 4Page - Exar Corporation XRP6272 Datasheet HTML 5Page - Exar Corporation XRP6272 Datasheet HTML 6Page - Exar Corporation XRP6272 Datasheet HTML 7Page - Exar Corporation XRP6272 Datasheet HTML 8Page - Exar Corporation XRP6272 Datasheet HTML 9Page - Exar Corporation XRP6272 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
X
XR
RP
P6
62
27
72
2
2
2A
A 5
5V
V--A
Ad
djju
us
stta
ab
blle
e L
Lo
ow
w D
Drro
op
po
ou
utt V
Vo
olltta
ag
ge
e R
Re
eg
gu
ulla
atto
orr
© 2011 Exar Corporation
6/13
Rev. 1.2.0
Fig. 10: Dropout Voltage at VOUT = 1.8V
Fig. 11: Dropout Voltage at VOUT = 3.3V
Fig. 12: Dropout Voltage at VOUT = 5.0V
Fig. 13: Load Transient Response at VOUT=1.8V, VIN=2.8V
Fig. 14: Load Transient Response at VOUT=3.3V, VIN=4.3V
Fig. 15: Load Transient Response at VOUT=5V, VIN=6V


Similar Part No. - XRP6272

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6272ITC5TR-F EXAR-XRP6272ITC5TR-F Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
More results

Similar Description - XRP6272

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6272ITC5TR-F EXAR-XRP6272ITC5TR-F Datasheet
929Kb / 13P
   2A 5V-Adjustable Low Dropout Voltage Regulator
logo
International Rectifier
IRU1120 IRF-IRU1120 Datasheet
61Kb / 9P
   2A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G9205 GMT-G9205 Datasheet
257Kb / 8P
   5V 2A Low Dropout Regulator with Disable
logo
Rohm
BAXXDD0T ROHM-BAXXDD0T Datasheet
388Kb / 6P
   2A Low Dropout Voltage Regulator
logo
New Japan Radio
NJM2887 NJRC-NJM2887 Datasheet
117Kb / 5P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2387 NJRC-NJM2387 Datasheet
174Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2397 NJRC-NJM2397 Datasheet
117Kb / 5P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP6274 EXAR-XRP6274 Datasheet
1Mb / 11P
   2A Ultra Low Dropout Voltage Regulator
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com