Electronic Components Datasheet Search |
|
PVL10FLS14 Datasheet(PDF) 1 Page - E-SWITCH |
|
PVL10FLS14 Datasheet(HTML) 1 Page - E-SWITCH |
1 / 5 page www.e-switch.com 800.867.2717 2 RoHS Audio / Visual Security Devices Industrial Controls Electrical Housewares Kiosks SpecificationS featureS & BenefitS applicationS / MarketS part nuMBer configurator pVl SerieS pilot indicator Specifications subject to change without notice • Pilot indicator light • Multiple panel cutout sizes -- 6mm to 19mm dia. • Multiple illumination voltage options • Multiple LED color options • IP67 rated Contact Arrangement: Lamp indicator Operating/Storage Temperature: -25°C to 55°C Lamp Life: 40,000 Hours Nominal Ingress Protection: IP67 Panel Thickness: 1-6mm or 1-10mm, (depending on mounting diameter) Mounting Nut Torque: 5-14Nm PVL 06 - 6mm Dia. 08 - 8mm Dia. 10 - 10mm Dia. 12 - 12mm Dia. 14 - 14mm Dia. 16 - 16mm Dia. 19 - 19mm Dia. S - Stainless Steel 1 - Black L - Solder Lug Series Indicator Diameter Body Finish Terminal Medical Equipment F - Flat Lens 1 - Red 3 - Green 4 - Blue Lens Color 1 - Base Voltage* 3 - 6V 4 - 12V 5 - 24V 6 - 110V Illumination Voltage NOTES: * Base voltage on LEDs: 1.8V @ 20mA for Red, Yellow and Orange LED colors 2.8V @ 20mA for Blue, Green and White LED colors |
Similar Part No. - PVL10FLS14 |
|
Similar Description - PVL10FLS14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |