Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U634H256D1K45G1 Datasheet(PDF) 7 Page - Zentrum Mikroelektronik Dresden AG

Part # U634H256D1K45G1
Description  POWERSTORE 32K X 8 NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U634H256D1K45G1 Datasheet(HTML) 7 Page - Zentrum Mikroelektronik Dresden AG

Back Button U634H256D1K45G1 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U634H256D1K45G1 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U634H256D1K45G1 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U634H256D1K45G1 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U634H256D1K45G1 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U634H256D1K45G1 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U634H256D1K45G1 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG U634H256D1K45G1 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG U634H256D1K45G1 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
April 21, 2004
U634H256
Nonvolatile Memory Operations
Mode Selection
E
W
HSB
A13 - A0
(hex)
Mode
I/O
Power
Notes
H
X
H
X
Not Selected
Output High Z
Standby
L
H
H
X
Read SRAM
Output Data
Active
l
L
L
H
X
Write SRAM
Input Data
Active
LH
H
0E38
31C7
03E0
3C1F
303F
0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
k, l
k, l
k, l
k, l
k, l
k
LH
H
0E38
31C7
03E0
3C1F
303F
0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
k, l
k, l
k, l
k, l
k, l
k
X
X
L
X
STORE/Inhibit
Output High Z
ICC2/Standby
m
k: The six consecutive addresses must be in order listed (0E38, 31C7, 03E0, 3C1F, 303F, 0FC0) for a Store cycle or (0E38, 31C7, 03E0, 3C1F,
303F, 0C63) for a RECALL cycle. W must be high during all six consecutive cycles. See STORE cycle and RECALL cycle tables and dia
grams for further details.
The following six-address sequence is used for testing purposes and should not be used: 0E38, 31C7, 03E0, 3C1F, 303F, 339C.
l:
I/O state assumes that G
≤ VIL. Activation of nonvolatile cycles does not depend on the state of G.
m: HSB initiated STORE operation actually occurs only if a WRITE has been done since last STORE operation. After the STORE (if any)
completes, the part will go into standby mode inhibiting all operation until HSB rises.
No.
PowerStore Power Up RECALL/
Hardware Controlled STORE
Symbol
Conditions
Min.
Max.
Unit
Alt.
IEC
24 Power Up RECALL Durationn, e
tRESTORE
650
µs
25 STORE Cycle Duration
tHLQX
td(H)S
VCC > 4.5 V
10
ms
26 HSB Low to Inhibit One
tHLQZ
tdis(H)S
1
µs
27 HSB High to Inhibit Offe
tHHQX
ten(H)S
700
ns
28 External STORE Pulse Widthe
tHLHX
tw(H)S
20
ns
HSB Output Low Currente,o
IHSBOL
HSB = VOL
3mA
HSB Output High Currente, o
IHSBOH
HSB = VIL
560
µA
Low Voltage Trigger Level
VSWITCH
4.0
4.5
V
n:
tRESTORE starts from the time VCC rises above VSWITCH.
o:
HSB is an I/O that has a week internal pullup; it is basically an open drain output. It is meant to allow up to 32 U634H256 to be ganged
together for simultaneous storing. Do not use HSB to pullup any external circuitry other than other U634H256 HSB pins.


Similar Part No. - U634H256D1K45G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A25G1 SIMTEK-U634H256S2A25G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A35G1 SIMTEK-U634H256S2A35G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A45G1 SIMTEK-U634H256S2A45G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2C25G1 SIMTEK-U634H256S2C25G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
More results

Similar Description - U634H256D1K45G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
UL634H256 SIMTEK-UL634H256 Datasheet
350Kb / 15P
   Low Voltage PowerStore 32K x 8 nvSRAM
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com