Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8601QMAX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601QMAX/NOPB
Description  Current-Sensing Amplifiers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601QMAX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP8601QMAX/NOPB Datasheet HTML 6Page - Texas Instruments LMP8601QMAX/NOPB Datasheet HTML 7Page - Texas Instruments LMP8601QMAX/NOPB Datasheet HTML 8Page - Texas Instruments LMP8601QMAX/NOPB Datasheet HTML 9Page - Texas Instruments LMP8601QMAX/NOPB Datasheet HTML 10Page - Texas Instruments LMP8601QMAX/NOPB Datasheet HTML 11Page - Texas Instruments LMP8601QMAX/NOPB Datasheet HTML 12Page - Texas Instruments LMP8601QMAX/NOPB Datasheet HTML 13Page - Texas Instruments LMP8601QMAX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
FREQUENCY (Hz)
120
100
80
60
40
20
0
100
1k
10k
100k
25°C
85°C
125°C
-40°C
VS = 3.3V
FREQUENCY (Hz)
120
100
80
60
40
20
0
100
1k
10k
100k
25°C
85°C
125°C
-40°C
VS = 5V
FREQUENCY (Hz)
30
20
10
0
-10
-20
-30
-40
-50
100
1k
10k
100k
1M
-40°C
25°C
85°C
125°C
VS = 3.3V
VOUT = VS/2
FREQUENCY (Hz)
30
20
10
0
-10
-20
-30
-40
-50
100
1k
10k
100k
1M
-40°C
25°C
85°C
125°C
VS = 5V
VOUT = VS/2
FREQUENCY (Hz)
100
80
60
40
20
0
10
100
1k
10k
100k
VS = 5V
VS = 3.3V
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
0
0.3
0.6
0.9
1.2
1.5
VS = 5V
VS = 3.3V
10
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, GND = 0 V, –22 ≤ VCM ≤ 60 V, RL = ∞, OFFSET (pin 7) connected to VS, and 10 nF between VS and
GND (unless otherwise noted)
Figure 7. Input-Referred Voltage Noise vs Frequency
Figure 8. PSRR vs Frequency
Figure 9. Gain vs Frequency at VS = 3.3 V
Figure 10. Gain vs Frequency at VS = 5 V
Figure 11. CMRR vs Frequency at VS = 3.3 V
Figure 12. CMRR vs Frequency at VS = 5 V


Similar Part No. - LMP8601QMAX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8601QMAX/NOPB TI1-LMP8601QMAX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
More results

Similar Description - LMP8601QMAX/NOPB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACST-01-08 ABRACON-ACST-01-08 Datasheet
282Kb / 1P
   CURRENT SENSING TRANSFORMER
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L Datasheet
196Kb / 1P
   Current Sensing Transformers
logo
XFMRS Inc.
XF0043-VTM370CS XFMRS-XF0043-VTM370CS Datasheet
37Kb / 1P
   CURRENT SENSING TRANSFORMER
logo
List of Unclassifed Man...
CSR04 ETC-CSR04 Datasheet
665Kb / 1P
   CURRENT SENSING RESISORS
logo
Allied Components Inter...
ACT-3722 ALLIED-ACT-3722 Datasheet
606Kb / 2P
   Current Sensing Toroid
logo
List of Unclassifed Man...
SV1A010M01 ETC-SV1A010M01 Datasheet
39Kb / 1P
   Current Sensing Relay
TCS2 ETC-TCS2 Datasheet
818Kb / 2P
   CURRENT SENSING RESISORS
logo
Abracon Corporation
ACST-11 ABRACON-ACST-11 Datasheet
314Kb / 1P
   CURRENT SENSING TRANSFORMER
logo
XFMRS Inc.
XF0021-CS4 XFMRS-XF0021-CS4 Datasheet
45Kb / 1P
   CURRENT SENSING TRANSFORMER
logo
Riedon Powertron
UP-1 RIEDON-UP-1 Datasheet
295Kb / 1P
   Current Sensing Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com