Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8481AHQDGKRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481AHQDGKRQ1
Description  Automotive, 76-V, High-Side, High-Speed, Current Sense Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8481AHQDGKRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP8481AHQDGKRQ1 Datasheet HTML 6Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 7Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 8Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 9Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 10Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 11Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 12Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 13Page - Texas Instruments LMP8481AHQDGKRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
LMP8480-Q1, LMP8481-Q1
SNVSAL6 – JULY 2016
www.ti.com
Product Folder Links: LMP8480-Q1 LMP8481-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LMP8480-Q1 and LMP8481-Q1 are single-supply, high-side current sense amplifiers with available fixed
gains of x20, x60 and x100. The power supply range is 4.5 V to 76 V, and the common-mode input voltage range
is capable of 4.0-V to 76-V operation. The supply voltage and common-mode range are completely independent
of each other, which causes the LMP848x supply voltage to be extremely flexible because the LMP848x supply
voltage can be greater than, equal to, or less than the load source voltage, and allows the device to be powered
from the system supply or the load supply voltage.
The LMP8480-Q1 and LMP8481-Q1 supply voltage does not have to be larger than the load source voltage. A
76-V load source voltage with a 5-V supply voltage is perfectly acceptable.
8.1.1 Theory of Operation
The LMP8480-Q1 and LMP8481-Q1 are comprised of two main stages. The first stage is a differential input
current to voltage converter, followed by a differential voltage amplifier and level-shifting output stage. Also
present is an internal 14-V low-dropout regulator (LDO) to power the amplifiers and output stage, as well as a
reference divider resistor string to allow the setting of the reference level.
As Figure 18 illustrates, the current flowing through RSENSE develops a voltage drop called VSENSE. The voltage
across the sense resistor, VSENSE, is then applied to the input RSP and RSN pins of the amplifier.
Internally, the voltage on each input pin is converted to a current by the internal precision thin-film input resistors
RGP and RGN. A second set of much higher value VCM sense resistors between the inputs provide a sample of
the input common-mode voltage for internal use by the differential amplifier.
VSENSE is applied to the differential amplifier through RGP and RGN. These resistors change the input voltage to a
differential current. The differential amplifier then servos the resistor currents through the MOSFETs to maintain
a zero balance across the differential amplifier inputs.
With no input signal present, the currents in RGP and RGN are equal. When a signal is applied to VSENSE, the
current through RGP and RGN are imbalanced and are no longer equal. The amplifier then servos the MOSFETS
to correct this current imbalance, and the extra current required to balance the input currents is then reflected
down into the two lower 400-kΩ tail resistors. The difference in the currents into the tail resistors is therefore
proportional to the amplitude and polarity of VSENSE. The tail resistors, being larger than the input resistors for the
same current, then provide voltage gain by changing the current into a proportionally larger voltage. The gain of
the first stage is then set by the tail resistor value divided by RG value.
The differential amplifier stage then samples the voltage difference across the two 400-kΩ tail resistors and also
applies a further gain-of-five and output level-shifting according to the applied reference voltage (VREF).
The resulting output of the amplifier will be equal to the differential input voltage times the gain of the device, plus
any voltage value applied to the two VREF pins.
The resistor values in the schematic are ideal values for clarity and understanding. Table 1 shows the actual
values used that account for parallel combinations and loading. This table can be used for calculating the effects
of any additional external resistance.
The LMP8480-Q1 is identical to the LMP8481-Q1, except that both the VREF pins are grounded internally.
Table 1. Actual Internal Resistor Values
GAIN OPTION
RGP AND RGN
(Each)
RVCMSENSE
(Each)
RTAIL
(Each)
DIFFERENTIAL AMP FB
(Each)
VREFx RESISTORS
(Each)
20x
98.38 k
491.9 k
393.52 k
1967.6 k
98.38 k
60x
32.793 k
172.165 k
393.52 k
1967.6 k
98.38 k
100x
19.676 k
98.38 k
393.52 k
1967.6 k
98.38 k


Similar Part No. - LMP8481AHQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI-LMP8481 Datasheet
2Mb / 29P
[Old version datasheet]   LMP848x Precision 76-V High-Side Current Sense Amplifiers With Voltage Output
LMP8481 TI1-LMP8481 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
LMP8481MM-H TI1-LMP8481MM-H Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
LMP8481MM-H/NOPB TI1-LMP8481MM-H/NOPB Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
More results

Similar Description - LMP8481AHQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
logo
List of Unclassifed Man...
SI8540 ETC2-SI8540 Datasheet
173Kb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
   High-voltage, high-side current sense amplifier
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
   High Voltage High-Side Current Sense Amplifier
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com