Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS2003CN Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DS2003CN
Description  High Current/Voltage Darlington Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS2003CN Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS2003CN Datasheet HTML 1Page - National Semiconductor (TI) DS2003CN Datasheet HTML 2Page - National Semiconductor (TI) DS2003CN Datasheet HTML 3Page - National Semiconductor (TI) DS2003CN Datasheet HTML 4Page - National Semiconductor (TI) DS2003CN Datasheet HTML 5Page - National Semiconductor (TI) DS2003CN Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS2003
High Current/Voltage Darlington Drivers
General Description
The DS2003 is comprised of seven high voltage, high cur-
rent NPN Darlington transistor pairs. All units feature com-
mon emitter, open collector outputs. To maximize their effec-
tiveness, these units contain suppression diodes for
inductive loads and appropriate emitter base resistors for
leakage.
The DS2003 has a series base resistor to each Darlington
pair, thus allowing operation directly with TTL or CMOS oper-
ating at supply voltages of 5.0V.
The DS2003 offers solutions to a great many interface
needs, including solenoids, relays, lamps, small motors, and
LEDs. Applications requiring sink currents beyond the capa-
bility of a single output may be accommodated by paralleling
the outputs.
Features
n
Seven high gain Darlington pairs
n
High output voltage (V
CE = 50V)
n
High output current (I
C = 350 mA)
n
TTL, PMOS, CMOS compatible
n
Suppression diodes for inductive loads
n
Extended temperature range
Connection Diagram
Order Numbers
N Package
Number
N16E
M Package
Number
M16A
DS2003TN
DS2003TM
DS2003CN
DS2003CM
16-Lead DIP
DS009647-1
Top View
January 2000
© 2000 National Semiconductor Corporation
DS009647
www.national.com


Similar Part No. - DS2003CN

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DS2003CN NSC-DS2003CN Datasheet
160Kb / 8P
   High Current/Voltage Darlington Drivers
DS2003CN NSC-DS2003CN Datasheet
317Kb / 5P
   HIGH CURRENT / VOLTAGE DARLINGTON DRIVERS
More results

Similar Description - DS2003CN

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
UA9665 FAIRCHILD-UA9665 Datasheet
261Kb / 6P
   High Current/VOLTAGE Darlington Drivers
National Semiconductor (TI)
National Semiconductor ...
DS2004 NSC-DS2004 Datasheet
160Kb / 8P
   High Current/Voltage Darlington Drivers
DS2001 NSC-DS2001 Datasheet
317Kb / 5P
   HIGH CURRENT / VOLTAGE DARLINGTON DRIVERS
Texas Instruments
Texas Instruments
DS2003CMX TI-DS2003CMX Datasheet
802Kb / 13P
[Old version datasheet]   DS2003 High Current/Voltage Darlington Drivers
UDN2841 TI-UDN2841 Datasheet
266Kb / 4P
[Old version datasheet]   QUADRUPLE HIGH-CURRENT DARLINGTON DRIVERS
First Components International
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
   High-Voltage,High-Current Darlington Arrays
List of Unclassifed Manufacturers
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
Leshan Radio Company
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
List of Unclassifed Manufacturers
List of Unclassifed Man...
UNL2803 ETC2-UNL2803 Datasheet
219Kb / 5P
   High-Voltage, High-Current Darlington Arrays
Sanyo Semicon Device
Sanyo Semicon Device
LB1205 SANYO-LB1205 Datasheet
70Kb / 2P
   High-Voltage, High- Current Darlington Driver
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com