Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LMH6722SD/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part No. LMH6722SD/NOPB
Description  Wideband Video Op Amp; Single, Single with Shutdown and Quad
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LMH6722SD/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
1
100
10k
1M
FREQUENCY (Hz)
100k
1k
10
VOLTAGE
INVERTING CURRENT
NON-INVERTING
CURRENT
1
10
100
1000
1
10
100
1000
-15 -12 -9
-6
-3
0
3
6
9
12 15
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
OUTPUT POWER FOR EACH TONE (dBmW)
TWO EQUAL POWER
TONES CENTERED AT
LISTED FREQUENCY
100MHz
20MHz
5MHz
10MHz
0.1
1
100
100
1000
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
C
D
A
B
-40
-20
0
20
40
60
80
100
TEMPERATURE (°C)
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
-8
-7
-6
-5
-4
-3
-2
-1
0
-9
IBN
IBI
VOS
0.1
1
10
100
1000
FREQUENCY (MHz)
1
2
3
4
5
6
7
8
LMH6714, LMH6720
LMH6722, LMH6722-Q1
www.ti.com
SNOSA39G – NOVEMBER 2002 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
(V
+ = +5V, V= −5V, A
V = 2, RF = 300Ω, RL = 100Ω Unless Specified).
DC Errors vs. Temperature
Maximum VOUT vs. Frequency
Figure 26.
Figure 27.
Crosstalk vs. Frequency (LMH6722)
3rd Order Intermodulation vs. Output Power
for each channel with all others active
Figure 28.
Figure 29.
Noise vs. Frequency
Figure 30.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6714 LMH6720 LMH6722 LMH6722-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn