Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LMH6722SD/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. LMH6722SD/NOPB
Description  Wideband Video Op Amp; Single, Single with Shutdown and Quad
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LMH6722SD/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
1
10
100
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
HD2
HD3
VO = 2VPP
10
100
100
0
FREQUENCY (MHz)
-2
-1
0
1
2
VO = .5VPP
AV = -1V/V
RF = 300:
VO = 4VPP
VO = 2VPP
GAIN
PHASE
-8
-7
-6
-5
-4
-3
-225
-180
-135
-90
-45
0
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
-225
-180
-135
-90
-45
0
RF = 300:
AV = 2V/V
GAIN
PHASE
VO = .5VPP
VO = 1VPP
VO = 4VPP
VO = 2VPP
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
AV = -1
AV = -2
AV = -6
VO = 2VPP
RF = 300:
-225
-180
-135
-90
-45
0
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
-225
-180
-135
-90
-45
0
AV = 1, RF = 600:
AV = 2, RF = 300:
AV = 6, RF = 200:
GAIN
PHASE
VO = 500mVPP
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
-225
-180
-135
-90
-45
0
AV = 2,
RF = 300:
AV = 1, RF = 600:
AV = 6, RF = 200:
GAIN
PHASE
VO = 2VPP
LMH6714, LMH6720
LMH6722, LMH6722-Q1
SNOSA39G – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
(V
+ = +5V, V= −5V, A
V = 2, RF = 300Ω, RL = 100Ω Unless Specified).
Non-Inverting Small Signal Frequency Response
Non-Inverting Large Signal Frequency Response
Figure 8.
Figure 9.
Inverting Frequency Response
Non-Inverting Frequency Response vs. VO
Figure 10.
Figure 11.
Inverting Frequency Response vs. VO
Harmonic Distortion vs. Frequency
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6714 LMH6720 LMH6722 LMH6722-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn