Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK60E2-156M Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMK60E2-156M
Description  High-Performance Low Jitter Oscillator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK60E2-156M Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMK60E2-156M Datasheet HTML 7Page - Texas Instruments LMK60E2-156M Datasheet HTML 8Page - Texas Instruments LMK60E2-156M Datasheet HTML 9Page - Texas Instruments LMK60E2-156M Datasheet HTML 10Page - Texas Instruments LMK60E2-156M Datasheet HTML 11Page - Texas Instruments LMK60E2-156M Datasheet HTML 12Page - Texas Instruments LMK60E2-156M Datasheet HTML 13Page - Texas Instruments LMK60E2-156M Datasheet HTML 14Page - Texas Instruments LMK60E2-156M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
LMK60E2-150M00
LMK60E2-156M25, LMK60E0-156257
www.ti.com
SNAS687A – JUNE 2016 – REVISED AUGUST 2016
Product Folder Links: LMK60E2-150M00 LMK60E2-156M25 LMK60E0-156257
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Power Supply Recommendations
For best electrical performance of LMK60XX, it is preferred to utilize a combination of 10 µF, 1 µF and 0.1 µF on
its power supply bypass network. It is also recommended to utilize component side mounting of the power supply
bypass capacitors and it is best to use 0201 or 0402 body size capacitors to facilitate signal routing. Keep the
connections between the bypass capacitors and the power supply on the device as short as possible. Ground the
other side of the capacitor using a low impedance connection to the ground plane. Figure 12 shows the layout
recommendation for power supply decoupling of LMK60XX.


Similar Part No. - LMK60E2-156M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-156M25SIAR TI1-LMK60E2-156M25SIAR Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-156M25SIAR TI1-LMK60E2-156M25SIAR Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results

Similar Description - LMK60E2-156M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com