Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6738 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6738
Description  Very Wideband, Low Distortion Triple Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6738 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6738 Datasheet HTML 2Page - Texas Instruments LMH6738 Datasheet HTML 3Page - Texas Instruments LMH6738 Datasheet HTML 4Page - Texas Instruments LMH6738 Datasheet HTML 5Page - Texas Instruments LMH6738 Datasheet HTML 6Page - Texas Instruments LMH6738 Datasheet HTML 7Page - Texas Instruments LMH6738 Datasheet HTML 8Page - Texas Instruments LMH6738 Datasheet HTML 9Page - Texas Instruments LMH6738 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
0
1
2
3
4
5
6
7
8
VOUT (VPP)
-110
-100
-90
-80
-70
-60
-50
-40
RL = 100:
f = 10 MHz
HD3
HD2
1
100
FREQUENCY (MHz)
-100
-80
-60
-40
10
-50
-70
-90
-45
-55
-65
-75
-85
-95
HD2
HD3
VOUT = 2 VPP
0
20
40
60
80
100
120
CAPACITIVE LOAD (pF)
0
10
20
30
40
50
60
70
80
LOAD = 1 k: || CL
120
0.01
1
1000
FREQUENCY (MHz)
100
10
0.1
100
90
110
MAGNITUDE
PHASE
40
70
60
50
80
-180
-45
-90
-135
0
0
4
8
12
16
20
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (ns)
1
10
100
1000
FREQUENCY (MHz)
-10
-8
-6
-4
-2
0
2
CL = 4.7 pF, RS = 70:
CL = 15 pF, RS = 44:
CL = 47 pF, RS = 24:
CL = 100 pF, RS = 17:
VOUT = 1 VPP, CL || 1 k:
LMH6738
SNOSAC1E – APRIL 2004 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
AV = +2, VCC = ±5V, RL = 100Ω, RF = 549Ω; unless otherwise specified).
Frequency Response
vs.
Pulse Response
Capacitive Load
Figure 7.
Figure 8.
Series Output Resistance
vs.
Capacitive Load
Open Loop Gain and Phase
Figure 9.
Figure 10.
Distortion
Distortion
vs.
vs.
Frequency
Output Voltage
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMH6738


Similar Part No. - LMH6738

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
   Very Wideband, Low Distortion Triple Op Amp
LMH6738MQ NSC-LMH6738MQ Datasheet
432Kb / 12P
   Very Wideband, Low Distortion Triple Op Amp
LMH6738MQX NSC-LMH6738MQX Datasheet
432Kb / 12P
   Very Wideband, Low Distortion Triple Op Amp
More results

Similar Description - LMH6738

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6738 NSC-LMH6738 Datasheet
432Kb / 12P
   Very Wideband, Low Distortion Triple Op Amp
CLC409 NSC-CLC409 Datasheet
403Kb / 10P
   Very Wideband, Low Distortion Monolithic Op Amp
logo
Texas Instruments
CLC409 TI1-CLC409 Datasheet
424Kb / 12P
[Old version datasheet]   Very Wideband, Low Distortion Monolithic Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
   Low Distortion Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
logo
Texas Instruments
LMH6739 TI1-LMH6739 Datasheet
932Kb / 19P
[Old version datasheet]   Very Wideband, Low Distortion Triple Video Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com