Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6723MDC Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH6723MDC
Description  Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6723MDC Datasheet(HTML) 5 Page - Texas Instruments

  LMH6723MDC Datasheet HTML 1Page - Texas Instruments LMH6723MDC Datasheet HTML 2Page - Texas Instruments LMH6723MDC Datasheet HTML 3Page - Texas Instruments LMH6723MDC Datasheet HTML 4Page - Texas Instruments LMH6723MDC Datasheet HTML 5Page - Texas Instruments LMH6723MDC Datasheet HTML 6Page - Texas Instruments LMH6723MDC Datasheet HTML 7Page - Texas Instruments LMH6723MDC Datasheet HTML 8Page - Texas Instruments LMH6723MDC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LMH6723, LMH6724
www.ti.com
SNOSA83I – AUGUST 2003 – REVISED AUGUST 2014
6.5 ±5V Electrical Characteristics
Unless otherwise specified, AV = +2, RF = 1200Ω, RL = 100Ω. Boldface limits apply at temperature extremes.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY DOMAIN RESPONSE
SSBW
−3 dB Bandwidth Small Signal
VOUT = 0.5 VPP
260
MHz
LSBW
−3dB Bandwidth Large Signal
VOUT = 4.0 VPP
90
110
MHz
85
95
UGBW
−3 dB Bandwidth Unity Gain
VOUT = .2 VPP AV = 1 V/V
370
MHz
.1dB BW
.1 dB Bandwidth
VOUT = 0.5 VPP
100
MHz
DG
Differential Gain
RL = 150Ω, 4.43 MHz
0.03%
DP
Differential Phase
RL = 150Ω, 4.43 MHz
0.11
deg
TIME DOMAIN RESPONSE
TRS
Rise and Fall Time
4V Step
2.5
ns
TSS
Settling Time to 0.05%
2V Step
30
ns
SR
Slew Rate
4V Step
500
600
V/
μs
DISTORTION and NOISE RESPONSE
HD2
2nd Harmonic Distortion
2 VPP, 5 MHz
−65
dBc
HD3
3rd Harmonic Distortion
2 VPP, 5 MHz
−63
dBc
EQUIVALENT INPUT NOISE
VN
Non-Inverting Voltage Noise
>1 MHz
4.3
nV/
√Hz
NICN
Inverting Current Noise
>1 MHz
6
pA/
√Hz
ICN
Non-Inverting Current Noise
>1 MHz
6
pA/
√Hz
STATIC, DC PERFORMANCE
VIO
Input Offset Voltage
±3
1
mV
±3.7
IBN
Input Bias Current
Non-Inverting
±4
−2
µA
±5
IBI
Input Bias Current
Inverting
±4
0.4
µA
±5
PSRR
Power Supply Rejection Ratio
DC, 1V Step
LMH6723
59
64
57
dB
LMH6724
59
64
55
CMRR
Common Mode Rejection Ratio
DC, 1V Step
LMH6723
57
60
55
dB
LMH6724
57
60
53
ICC
Supply Current (per amplifier)
RL = ∞
1.2
mA
1
1.4
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self heating where TJ > TA. See Application and Implementation for information on temperature
derating of this device. Min/Max ratings are based on product characterization and simulation. Individual parameters are tested as
noted.
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6723 LMH6724


Similar Part No. - LMH6723MDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6723MA NSC-LMH6723MA Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
LMH6723MAX NSC-LMH6723MAX Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
LMH6723MF NSC-LMH6723MF Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
LMH6723MFX NSC-LMH6723MFX Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
More results

Similar Description - LMH6723MDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
Linear Technology
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_15 Datasheet
329Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395_1 Datasheet
741Kb / 20P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
   Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
National Semiconductor ...
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
   Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
   High Speed, Current Feedback Quad Operational Amplifier
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com