Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6732 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6732
Description  High Speed Op Amp with Adjustable Bandwidth
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6732 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6732 Datasheet HTML 6Page - Texas Instruments LMH6732 Datasheet HTML 7Page - Texas Instruments LMH6732 Datasheet HTML 8Page - Texas Instruments LMH6732 Datasheet HTML 9Page - Texas Instruments LMH6732 Datasheet HTML 10Page - Texas Instruments LMH6732 Datasheet HTML 11Page - Texas Instruments LMH6732 Datasheet HTML 12Page - Texas Instruments LMH6732 Datasheet HTML 13Page - Texas Instruments LMH6732 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
-250
-200
-150
-100
-50
0
50
100
150
AV = +21, RF = 1k:
AV = +6, RF = 500:
AV = +2, RF = 1k:
GAIN
PHASE
ICC = 3.4mA
VOUT = 4VPP
RL = 100:
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
-250
-200
-150
-100
-50
0
50
100
150
AV = +21, RF = 1k:
AV = +6, RF = 500:
AV = +2, RF = 700:
GAIN
PHASE
ICC = 9mA
VOUT = 4VPP
RL = 100:
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
-250
-200
-150
-100
-50
0
50
100
150
AV = +21
AV = +6
AV = +2
AV = +6
GAIN
PHASE
ICC = 1mA
VOUT = 4VPP
RL = 500:
RF = 1k:
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
-430
-380
-330
-280
-230
-180
-130
-80
-30
AV = -6
AV = -2
AV = -1
AV = -20
GAIN
PHASE
ICC = 1mA
VOUT = 2VPP
RL = 500:
RF = 1k:
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
-430
-380
-330
-280
-230
-180
-130
-80
-30
AV = -6, RF = 200:
AV = -20, RF = 500:
AV = -1, RF = 500:
AV = -2, RF = 400:
GAIN
PHASE
ICC = 9mA
VOUT = 2VPP
RL = 100:
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
-430
-380
-330
-280
-230
-180
-130
-80
-30
AV = -20, RF = 500:
AV = -6, RF = 200:
AV = -1, RF = 750:
AV = -2, RF = 450:
GAIN
PHASE
ICC = 3.4mA
VOUT = 2VPP
RL = 100:
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
-250
-200
-150
-100
-50
0
50
100
150
AV = +21, RF = 1k:
AV = +6, RF = 500:
AV = +2, RF = 1k:
GAIN
PHASE
ICC = 3.4mA
VOUT = 2VPP
RL = 100:
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
AV = +2
AV = +6
AV = +21
ICC = 1mA
VOUT = 2VPP
RL = 500:
RF = 1k:
PHASE
GAIN
-250
-200
-150
-100
-50
0
50
100
150
100k
1M
10M
100M
1G
FREQUENCY (Hz)
-7
-6
-5
-4
-3
-2
-1
0
1
-250
-200
-150
-100
-50
0
50
100
150
AV = +21, RF = 1k:
AV = +6, RF = 500:
AV = +2, RF = 700:
GAIN
PHASE
ICC = 9mA
VOUT = 2VPP
RL = 100:
LMH6732
SNOSA47B – FEBRUARY 2003 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Response
Frequency Response
Frequency Response
ICC = 9mA
ICC = 3.4mA
ICC = 1mA
Figure 5.
Figure 6.
Figure 7.
Frequency Response
Frequency Response
Frequency Response
ICC = 9mA
ICC = 3.4mA
ICC = 1mA
Figure 8.
Figure 9.
Figure 10.
Frequency Response
Frequency Response
Frequency Response
ICC = 9mA
ICC = 3.4mA
ICC = 1mA
Figure 11.
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6732


Similar Part No. - LMH6732

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6732 NSC-LMH6732 Datasheet
970Kb / 19P
   High Speed Op Amp with Adjustable Bandwidth
LMH6732MA NSC-LMH6732MA Datasheet
970Kb / 19P
   High Speed Op Amp with Adjustable Bandwidth
LMH6732MAX NSC-LMH6732MAX Datasheet
970Kb / 19P
   High Speed Op Amp with Adjustable Bandwidth
LMH6732MF NSC-LMH6732MF Datasheet
970Kb / 19P
   High Speed Op Amp with Adjustable Bandwidth
LMH6732MFX NSC-LMH6732MFX Datasheet
970Kb / 19P
   High Speed Op Amp with Adjustable Bandwidth
More results

Similar Description - LMH6732

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6732 NSC-LMH6732 Datasheet
970Kb / 19P
   High Speed Op Amp with Adjustable Bandwidth
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
   Precision, High-Bandwidth Op Amp
Rev 0; 9/10
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
   Precision, High-Bandwidth Op Amp
2015
logo
National Semiconductor ...
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
   High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
[Old version datasheet]   High Speed Video Op Amp with Disable
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
   HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com