Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6732 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6732
Description  High Speed Op Amp with Adjustable Bandwidth
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6732 Datasheet(HTML) 2 Page - Texas Instruments

  LMH6732 Datasheet HTML 1Page - Texas Instruments LMH6732 Datasheet HTML 2Page - Texas Instruments LMH6732 Datasheet HTML 3Page - Texas Instruments LMH6732 Datasheet HTML 4Page - Texas Instruments LMH6732 Datasheet HTML 5Page - Texas Instruments LMH6732 Datasheet HTML 6Page - Texas Instruments LMH6732 Datasheet HTML 7Page - Texas Instruments LMH6732 Datasheet HTML 8Page - Texas Instruments LMH6732 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LMH6732
SNOSA47B – FEBRUARY 2003 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VS
±6.75V
IOUT
See(3)
ICC
14mA
Common Mode Input Voltage
Vto V+
Maximum Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Soldering Information
Infrared or Convection (20 sec)
235°C
Wave Soldering (10 sec)
260°C
ESD Tolerance(4)
Human Body Model
2000V
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the Electrical
Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications..
(3)
The maximum output current (IO) is determined by device power dissipation limitations.
(4)
Human body model: 1.5k
Ω in series with 100pF. Machine model: 0Ω in series with 200pF.
Operating Ratings
(1)
Thermal Resistance
Package
θJC (°C/W)
θJA (°C/W)
8-Pin SOIC
65°C/W
166°C/W
6-Pin SOT-23
120°C/W
198°C/W
Operating Temperature
−40°C to +85°C
Nominal Supply Voltage
±4.5V to ±6V
Operating Supply Current
0.5mA < ICC < 12mA
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the Electrical
Characteristics tables.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6732


Similar Part No. - LMH6732

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6732 NSC-LMH6732 Datasheet
970Kb / 19P
   High Speed Op Amp with Adjustable Bandwidth
LMH6732MA NSC-LMH6732MA Datasheet
970Kb / 19P
   High Speed Op Amp with Adjustable Bandwidth
LMH6732MAX NSC-LMH6732MAX Datasheet
970Kb / 19P
   High Speed Op Amp with Adjustable Bandwidth
LMH6732MF NSC-LMH6732MF Datasheet
970Kb / 19P
   High Speed Op Amp with Adjustable Bandwidth
LMH6732MFX NSC-LMH6732MFX Datasheet
970Kb / 19P
   High Speed Op Amp with Adjustable Bandwidth
More results

Similar Description - LMH6732

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6732 NSC-LMH6732 Datasheet
970Kb / 19P
   High Speed Op Amp with Adjustable Bandwidth
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
   Precision, High-Bandwidth Op Amp
Rev 0; 9/10
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
   Precision, High-Bandwidth Op Amp
2015
logo
National Semiconductor ...
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
   High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
[Old version datasheet]   High Speed Video Op Amp with Disable
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
   HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com