Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6702JFQMLV Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6702JFQMLV
Description  1.7 GHz, Ultra Low Distortion, Wideband Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6702JFQMLV Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6702JFQMLV Datasheet HTML 4Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 5Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 6Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 7Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 8Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 9Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 10Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 11Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
4
3
2
7
6
LMH6702
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8µF
RG
RF
.01µF
6.8µF
CNEG
.01µF
RT
25:
0.1µF
CSS
SELECT RT TO
YIELD DESIRED
RIN = RT||RG
AV =
VOUT
VIN
RF
RG
=
4
3
2
7
6
LMH6702
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8µF
RG
RF
.01µF
6.8µF
CNEG
.01µF
RIN
0.1µF
CSS
AV = 1 +RF/RG = VOUT/VIN
LMH6702QML
SNOSAQ2E – JULY 2005 – REVISED MARCH 2013
www.ti.com
APPLICATION SECTION
FEEDBACK RESISTOR
Figure 21. Recommended Non-Inverting Gain Circuit
Figure 22. Recommended Inverting Gain Circuit
The LMH6702 achieves its excellent pulse and distortion performance by using the current feedback topology.
The loop gain for a current feedback op amp, and hence the frequency response, is predominantly set by the
feedback resistor value. The LMH6702 is optimized for use with a 237
Ω feedback resistor. Using lower values
can lead to excessive ringing in the pulse response while a higher value will limit the bandwidth. Application Note
OA-13 SNOA366 discusses this in detail along with the occasions where a different RF might be advantageous.
HARMONIC DISTORTION
The LMH6702 has been optimized for exceptionally low harmonic distortion while driving very demanding
resistive or capacitive loads. Generally, when used as the input amplifier to very high speed flash ADCs, the
distortions introduced by the converter will dominate over the low LMH6702 distortions. The capacitor CSS,
shown across the supplies in Figure 21 and Figure 22, is critical to achieving the lowest 2nd harmonic distortion.
For absolute minimum distortion levels, it is also advisable to keep the supply decoupling currents (ground
connections to CPOS, and CNEG in Figure 21 and Figure 22) separate from the ground connections to sensitive
input circuitry (such as RG, RT, and RIN ground connections). Splitting the ground plane in this fashion and
separately routing the high frequency current spikes on the decoupling caps back to the power supply (similar to
"Star Connection" layout technique) ensures minimum coupling back to the input circuitry and results in best
harmonic distortion response (especially 2nd order distortion).
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6702QML


Similar Part No. - LMH6702JFQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702JFQMLV TI1-LMH6702JFQMLV Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702JFQMLV TI-LMH6702JFQMLV Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702JFQMLV TI1-LMH6702JFQMLV Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results

Similar Description - LMH6702JFQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702 TI1-LMH6702 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com