Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6702JFQMLV Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6702JFQMLV
Description  1.7 GHz, Ultra Low Distortion, Wideband Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6702JFQMLV Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6702JFQMLV Datasheet HTML 2Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 3Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 4Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 5Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 6Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 7Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 8Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 9Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
-40
-15
10
35
60
85
110
135
-10
-8
-4
-2
0
2
-6
8
10
TEMPERATURE (°C)
UNIT 1
UNIT 3
UNIT 2
4
6
-40
-15
10
35
60
85
110
135
-12
-11
-10
-9
-8
-7
-6
-5
-4
TEMPERATURE (°C)
UNIT 1
UNIT 3
UNIT 2
1
10
100
1k
10k
CL (pF)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
RS
0.05% SETTLING
0.1% SETTLING
AV = -1
RL = 1k:
-40
-15
10
35
60
85
110
135
-4
-3.5
-2.5
-2
-1.5
-1
-3
0.5
TEMPERATURE (°C)
UNIT 1
UNIT 3
UNIT 2
-0.5
0
0
10
20
30
40
50
60
-4
-3
-2
-1
0
1
3
4
TIME (ns)
AV = +2
VOUT = 6VPP
RL = 100:
2
1
10
100
1k
TIME (ns)
0.001
0.01
0.1
1
RL = 100:
LMH6702QML
SNOSAQ2E – JULY 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
(TA = 25°C, VS = ±5V, RL = 100Ω, RF = 237Ω; Unless Specified).
Step Response, 6VPP
Percent Settling vs. Time
Figure 10.
Figure 11.
RS and Settling Time vs. CL
Input Offset for 3 Representative Units
Figure 12.
Figure 13.
Inverting Input Bias for 3 Representative Units
Non-Inverting Input Bias for 3 Representative Units
Figure 14.
Figure 15.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6702QML


Similar Part No. - LMH6702JFQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702JFQMLV TI1-LMH6702JFQMLV Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702JFQMLV TI-LMH6702JFQMLV Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702JFQMLV TI1-LMH6702JFQMLV Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results

Similar Description - LMH6702JFQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702 TI1-LMH6702 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com