Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6702J-QMLV Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6702J-QMLV
Description  1.7 GHz, Ultra Low Distortion, Wideband Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6702J-QMLV Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6702J-QMLV Datasheet HTML 5Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 6Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 7Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 8Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 9Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 10Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 11Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 12Page - Texas Instruments LMH6702J-QMLV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LMH6702
+
-
CIN
ADC
RS
1
10
100
FREQUENCY (MHz)
-90
-80
-70
-60
-50
-40
-30
AV = +2
RL = 100:
VO = 2VPP
CPOS & CNEG
REMOVED
CPOS & CNEG
INCLUDED
LMH6702QML
www.ti.com
SNOSAQ2E – JULY 2005 – REVISED MARCH 2013
If this lay out technique has not been observed on a particular application board, designer may actually find that
supply decoupling caps could adversely affect HD2 performance by increasing the coupling phenomenon already
mentioned. Figure 23 below shows actual HD2 data on a board where the ground plane is "shared" between the
supply decoupling capacitors and the rest of the circuit. Once these capacitors are removed, the HD2 distortion
levels reduce significantly, especially between 10MHz-20MHz, as shown in Figure 23 below:
Figure 23. Decoupling Current Adverse Effect on a Board with Shared Ground Plane
At these extremely low distortion levels, the high frequency behavior of decoupling capacitors themselves could
be significant. In general, lower value decoupling caps tend to have higher resonance frequencies making them
more effective for higher frequency regions. A particular application board which has been laid out correctly with
ground returns "split" to minimize coupling, would benefit the most by having low value and higher value
capacitors paralleled to take advantage of the effective bandwidth of each and extend low distortion frequency
range.
CAPACITIVE LOAD DRIVE
Figure 24 shows a typical application using the LMH6702 to drive an ADC.
Figure 24. Input Amplifier to ADC
The series resistor, RS, between the amplifier output and the ADC input is critical to achieving best system
performance. This load capacitance, if applied directly to the output pin, can quickly lead to unacceptable levels
of ringing in the pulse response. The plot of "RS and Settling Time vs. CL" in the Typical Performance
Characteristics section is an excellent starting point for selecting RS. The value derived in that plot minimizes the
step settling time into a fixed discrete capacitive load with the output driving a very light resistive load (1k
Ω).
Sensitivity to capacitive loading is greatly reduced once the output is loaded more heavily. Therefore, for cases
where the output is heavily loaded, RS value may be reduced. The exact value may best be determined
experimentally for these cases.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6702QML


Similar Part No. - LMH6702J-QMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702J-QMLV TI1-LMH6702J-QMLV Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702J-QMLV TI-LMH6702J-QMLV Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702J-QMLV TI1-LMH6702J-QMLV Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results

Similar Description - LMH6702J-QMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702 TI1-LMH6702 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com