Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6703 Datasheet(PDF) 15 Page - Texas Instruments

Part # LMH6703
Description  1.2 GHz, Low Distortion Op Amp with Shutdown
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6703 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMH6703_16 Datasheet HTML 11Page - Texas Instruments LMH6703_16 Datasheet HTML 12Page - Texas Instruments LMH6703_16 Datasheet HTML 13Page - Texas Instruments LMH6703_16 Datasheet HTML 14Page - Texas Instruments LMH6703_16 Datasheet HTML 15Page - Texas Instruments LMH6703_16 Datasheet HTML 16Page - Texas Instruments LMH6703_16 Datasheet HTML 17Page - Texas Instruments LMH6703_16 Datasheet HTML 18Page - Texas Instruments LMH6703_16 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
+
-
RIN
51:
RF
560:
X1
-
+
RISO
51:
RG
560:
CL
10 pF
RL
1 k:
VIN
4
3
2
7
6
LMH6703
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8 PF
RG
RF
0.1 PF
6.8 PF
CNEG
0.1 PF
RT
25:
0.01 PF
CSS
SELECT RT TO
YIELD DESIRED
RIN = RT||RG
AV =
VOUT
VIN
RF
RG
=
4
3
2
7
6
LMH6703
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8 PF
RG
RF
0.1 PF
6.8 PF
CNEG
0.1 PF
RIN
0.01 PF
CSS
AV = 1 +RF/RG = VOUT/VIN
15
LMH6703
www.ti.com
SNOSAF2E – FEBRUARY 2005 – REVISED MAY 2016
Product Folder Links: LMH6703
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Typical Application
Figure 29. Recommended Non-Inverting Gain Circuit
(SOIC Pinout Shown)
Figure 30. Recommended Inverting Gain Circuit
(SOIC Pinout Shown)
9.1.1 Capacitive Load Drive
Figure 31. Decoupling Capacitive Loads


Similar Part No. - LMH6703_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6703MA NSC-LMH6703MA Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
LMH6703MAX NSC-LMH6703MAX Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
LMH6703MF NSC-LMH6703MF Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
LMH6703MFX NSC-LMH6703MFX Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
More results

Similar Description - LMH6703_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6703 NSC-LMH6703 Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
LMH6702QML TI1-LMH6702QML_15 Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com