Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6703 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH6703
Description  1.2 GHz, Low Distortion Op Amp with Shutdown
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6703 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6703_16 Datasheet HTML 6Page - Texas Instruments LMH6703_16 Datasheet HTML 7Page - Texas Instruments LMH6703_16 Datasheet HTML 8Page - Texas Instruments LMH6703_16 Datasheet HTML 9Page - Texas Instruments LMH6703_16 Datasheet HTML 10Page - Texas Instruments LMH6703_16 Datasheet HTML 11Page - Texas Instruments LMH6703_16 Datasheet HTML 12Page - Texas Instruments LMH6703_16 Datasheet HTML 13Page - Texas Instruments LMH6703_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
-50
0
25
50
75
100
125
TEMPERATURE (°C)
-20
-16
-12
-8
-4
0
-25
-50
0
25
50
75
100
125
TEMPERATURE (°C)
0
1
2
3
4
5
-25
-50
0
25
50
75
100
125
TEMPERATURE (°C)
-9
-8
-7
-6
-5
-4
-25
0
25
50
75
100
125
150
CAPACITIVE LOAD (pF)
0
10
20
30
40
50
60
70
0V
1V
2V
3V
-1V
0V
1V
TIME (20 ns/DIV)
0V
1V
2V
3V
-50 mV
0V
50 mV
TIME (20 ns/DIV)
10
LMH6703
SNOSAF2E – FEBRUARY 2005 – REVISED MAY 2016
www.ti.com
Product Folder Links: LMH6703
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at AV = 2, RL = 100 Ω, VS = ±5 V, RF = 560 Ω, TA = 25°C, SOT-23-6 (unless otherwise noted)
Figure 19. Disable Timing
Figure 20. Disable Output Glitch
(See Application and Implementation)
Figure 21. RISO vs CLOAD
Figure 22. Non-Inverting Input Bias vs Temperature
Figure 23. Inverting Input Bias vs Temperature
Figure 24. Input Offset vs Temperature


Similar Part No. - LMH6703_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6703MA NSC-LMH6703MA Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
LMH6703MAX NSC-LMH6703MAX Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
LMH6703MF NSC-LMH6703MF Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
LMH6703MFX NSC-LMH6703MFX Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
More results

Similar Description - LMH6703_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6703 NSC-LMH6703 Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
Analog Devices
LTC6228 AD-LTC6228 Datasheet
2Mb / 26P
   Low Distortion Rail-to-Rail Output Op Amp with Shutdown
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
LMH6702QML TI1-LMH6702QML_15 Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com