Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U634H256D1M25G1 Datasheet(PDF) 3 Page - Zentrum Mikroelektronik Dresden AG

Part # U634H256D1M25G1
Description  POWERSTORE 32K X 8 NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U634H256D1M25G1 Datasheet(HTML) 3 Page - Zentrum Mikroelektronik Dresden AG

  U634H256D1M25G1 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25G1 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25G1 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25G1 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25G1 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25G1 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25G1 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25G1 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U634H256D1M25G1 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
April 21, 2004
U634H256
DC Characteristics
Symbol
Conditions
C-Type
K-Type
A/M-Type
Unit
Min. Max. Min. Max. Min. Max.
Operating Supply Currentc
ICC1
VCC
VIL
VIH
tc
tc
tc
= 5.5 V
= 0.8 V
= 2.2 V
= 25 ns
= 35 ns
= 45 ns
95
75
65
100
80
70
-
80
-
mA
mA
mA
Average Supply Current during
STOREc
ICC2
VCC
E
W
VIL
VIH
= 5.5 V
≤ 0.2 V
≥ VCC-0.2 V
≤ 0.2 V
≥ VCC-0.2 V
677
mA
Average Supply Current during
PowerStore Cycle
ICC4
VCC
VIL
VIH
= 4.5 V
= 0.2 V
≥ VCC-0.2 V
444
mA
Standby Supply Currentd
(Cycling TTL Input Levels)
ICC(SB)1 VCC
E
tc
tc
tc
= 5.5 V
= VIH
= 25 ns
= 35 ns
= 45 ns
40
36
33
42
38
35
-
38
-
mA
mA
mA
Operating Supply Current
at tcR = 200 nsc
(Cycling CMOS Input Levels)
ICC3
VCC
W
VIL
VIH
= 5.5 V
≥ VCC-0.2 V
≤ 0.2 V
≥ VCC-0.2 V
20
20
20
mA
Standby Supply Curentd
(Stable CMOS Input Levels)
ICC(SB)
VCC
E
VIL
VIH
= 5.5 V
≥ VCC-0.2 V
≤ 0.2 V
≥ VCC-0.2 V
334
mA
Recommended
Operating Conditions
Symbol
Conditions
Min.
Max.
Unit
Power Supply Voltageb
VCC
4.5
5.5
V
Input Low Voltage
VIL
-2 V at Pulse Width
10 ns permitted
-0.3
0.8
V
Input High Voltage
VIH
2.2
VCC+0.3
V
b: VCC reference levels throughout this datasheet refer to VCCX if that is where the power supply connection is made, or VCAP if VCCX is con-
nected to ground.
c: ICC1 and ICC3 are depedent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
The current ICC1 is measured for WRITE/READ - ratio of 1/2.
ICC2 is the average current required for the duration of the STORE cycle (STORE Cycle Time).
d: Bringing E
≥ V
IH will not produce standby current levels until any nonvolatile cycle in progress has timed out. See MODE SELECTION able.
The current ICC(SB)1 is measured for WRITE/READ - ratio of 1/2.


Similar Part No. - U634H256D1M25G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A25G1 SIMTEK-U634H256S2A25G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A35G1 SIMTEK-U634H256S2A35G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A45G1 SIMTEK-U634H256S2A45G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2C25G1 SIMTEK-U634H256S2C25G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
More results

Similar Description - U634H256D1M25G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
UL634H256 SIMTEK-UL634H256 Datasheet
350Kb / 15P
   Low Voltage PowerStore 32K x 8 nvSRAM
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com