Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52-PV6H2PXSS311 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV6H2PXSS311
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV6H2PXSS311 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV6H2PXSS311 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV6H2PXSS-311
2:1
9/30/2015
52-PV6H2PXSS311
A
MW
1
1
PANEL CUTOUT
MAX. PANEL THICKNESS
10.0mm [.315 in]
(-)
(+)
(-)
LAMP INDICATOR
CONTACT CONFIGURATION
+
-
A
21994
RELEASE FOR PRODUCTION
9/30/15
MW
18.00
[.71 in]
11.90
[.47 in]
1.50
[.06 in]
15.5
[.61 in]
16.5 1.0
.65 .04 in
[
]
20.0 1.0
.79 .04 in
[
]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. OPERATING TEMP.: -20 C to 55 C
4.
DENOTES CRITICAL PARAMETER.
5. ILLUMINATION COLOR: RED
6. ILLUMINATION BASE RATING: 1.8V
7. HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
8. 2002/95/EC (ROHS) COMPLIANT
16.00
[.630 in]
RING ILLUMINATION
RED
HIGH ACTUATOR
STAINLESS STEEL
M16x1.0
BODY
STAINLESS STEEL
8.40
[.33 in]
9.20
[.36 in]
2.90
[.114 in]


Similar Part No. - 52-PV6H2PXSS311

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV6H2PXSS301 E-SWITCH-52-PV6H2PXSS301 Datasheet
155Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
52-PV6H2PXSS341 E-SWITCH-52-PV6H2PXSS341 Datasheet
156Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 52-PV6H2PXSS311

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com