Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J201 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # J201
Description  HIGH GAIN N-CHANNEL JFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

J201 Datasheet(HTML) 1 Page - Linear Integrated Systems

  J201 Datasheet HTML 1Page - Linear Integrated Systems J201 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
DIRECT REPLACEMENT FOR SILICONIX J/SST201 SERIES
LOW CUTOFF VOLTAGE
VGS(off) ≤ 1.5V
HIGH GAIN
AV = 80 V/V
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-65 to +150 °C
Operating Junction Temperature
-55 to +135 °C
Maximum Power Dissipation
Continuous Power Dissipation
350mW
Maximum Current
Forward Gate Current
50mA
Maximum Voltages
Gate to Drain Voltage
-40V
Gate to Source Voltage
-40V
ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX UNITS
CONDITIONS
J/SST201, 202
-40
BVGSS
Gate to Source
Breakdown Voltage
J/SST204
-25
IG = -1µA, VDS = 0V
J/SST201
-0.3
-1.5
J/SST202
-0.8
-4
VGS(off)
Gate to Source Cutoff
Voltage
J/SST204
-0.3
2
V
VDS = 15V, ID = 10nA
J/SST201
0.2
1
J/SST202
0.9
4.5
IDSS
Drain to Source
Saturation Current
2
J/SST204
0.2
3
mA
VDS = 15V, VGS = 0V
IGSS
Gate Reverse Current
-2
-100
VGS = -20V, VDS = 0V
IG
Gate Operating Current
-2
VDG = 10V, ID = 0.1mA
ID(off)
Drain Cutoff Current
2
pA
VDS = 15V, VGS = -5V
J/SST201, 204
0.5
gfs
Forward
Transconductance
J/SST202
1
mS
VDS = 15V, VGS = 0V, f = 1kHz
Ciss
Input Capacitance
4.5
Crss
Reverse Transfer Capacitance
1.3
pF
VDS = 15V, VGS = 0V, f = 1MHz
en
Noise Voltage
6
nV/√Hz
VDS = 10V, VGS = 0V, f = 1kHz
SST SERIES
1
2
3
SOT-23
TOP VIEW
D
G
S
J SERIES
TO-92
BOTTOM VIEW
123
DS G
Linear Integrated Systems
J/SST201 SERIES
HIGH GAIN
N-CHANNEL JFET
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Similar Part No. - J201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J201 FAIRCHILD-J201 Datasheet
851Kb / 13P
   N-Channel General Purpose Amplifier
logo
Calogic, LLC
J201 CALOGIC-J201 Datasheet
20Kb / 1P
   N-Channel JFET General Purpose Amplifier
logo
Vishay Siliconix
J201 VISHAY-J201 Datasheet
71Kb / 5P
   N-Channel JFETs
Rev. G, 15-Mar-04
logo
List of Unclassifed Man...
J201 ETC1-J201 Datasheet
213Kb / 4P
   PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
logo
Fairchild Semiconductor
J201 FAIRCHILD-J201 Datasheet
783Kb / 8P
   N-Channel General Purpose Amplifier
More results

Similar Description - J201

ManufacturerPart #DatasheetDescription
logo
Micross Components
J204_TO-92 MICROSS-J204_TO-92 Datasheet
277Kb / 1P
   a high gain N-Channel JFET
SST204_SOT-23 MICROSS-SST204_SOT-23 Datasheet
276Kb / 1P
   a high gain N-Channel JFET
J201_TO-92 MICROSS-J201_TO-92 Datasheet
277Kb / 1P
   a high gain N-Channel JFET
J202_TO-92 MICROSS-J202_TO-92 Datasheet
276Kb / 1P
   a high gain N-Channel JFET
SST202_SOT-23 MICROSS-SST202_SOT-23 Datasheet
276Kb / 1P
   a high gain N-Channel JFET
SST201_SOT-23 MICROSS-SST201_SOT-23 Datasheet
276Kb / 1P
   a high gain N-Channel JFET
logo
Linear Integrated Syste...
J201 LINEAR-J201_14 Datasheet
204Kb / 2P
   HIGH GAIN N-CHANNEL JFET AMPLIFIER
logo
Micross Components
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
   N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
   N-CHANNEL JFET
LSJ112_TO-92 MICROSS-LSJ112_TO-92 Datasheet
290Kb / 1P
   N-CHANNEL JFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com