Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U634H256D1M45 Datasheet(PDF) 5 Page - Zentrum Mikroelektronik Dresden AG

Part # U634H256D1M45
Description  POWERSTORE 32K X 8 NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U634H256D1M45 Datasheet(HTML) 5 Page - Zentrum Mikroelektronik Dresden AG

  U634H256D1M45 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U634H256D1M45 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U634H256D1M45 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U634H256D1M45 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U634H256D1M45 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U634H256D1M45 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U634H256D1M45 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U634H256D1M45 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U634H256D1M45 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
April 21, 2004
U634H256
Read Cycle 1: Ai-controlled (during Read cycle: E = G = VIL, W = VIH)f
Read Cycle 2: G-, E-controlled (during Read cycle: W = VIH)g
No.
Switching Characteristics
Write Cycle
Symbol
25
35
45
Unit
Alt. #1
Alt. #2
IEC
Min. Max. Min. Max. Min. Max.
12 Write Cycle Time
tAVAV
tAVAV
tcW
25
35
45
ns
13 Write Pulse Width
tWLWH
tw(W)
20
25
30
ns
14 Write Pulse Width Setup Time
tWLEH
tsu(W)
20
25
30
ns
15 Address Setup Time
tAVWL
tAVEL
tsu(A)
00
0
ns
16 Address Valid to End of Write
tAVWH
tAVEH
tsu(A-WH)
20
25
30
ns
17 Chip Enable Setup Time
tELWH
tsu(E)
20
25
30
ns
18 Chip Enable to End of Write
tELEH
tw(E)
20
25
30
ns
19 Data Setup Time to End of Write
tDVWH
tDVEH
tsu(D)
10
12
15
ns
20 Data Hold Time after End of Write
tWHDX
tEHDX
th(D)
00
0
ns
21 Address Hold after End of Write
tWHAX
tEHAX
th(A)
00
0
ns
22 W LOW to Output in High-Zh, i
tWLQZ
tdis(W)
10
13
15
ns
23 W HIGH to Output in Low-Z
tWHQX
ten(W)
55
5
ns
ta(A)
Previous Data Valid
Output Data Valid
tcR
Address Valid
tv(A)
Ai
(1)
(2)
(9)
Ai
E
G
tdis(E)
tcR
ta(E)
ten(E)
ten(G)
ta(G)
tdis(G)
Output Data Valid
High Impedance
ICC
ACTIVE
STANDBY
tPD
tPU
(1)
(3)
(4)
(5)
(7)
(6)
(8)
(10)
(11)
ta(A) (2)
Address Valid
DQi
Output
DQi
Output


Similar Part No. - U634H256D1M45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A25G1 SIMTEK-U634H256S2A25G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A35G1 SIMTEK-U634H256S2A35G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A45G1 SIMTEK-U634H256S2A45G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2C25G1 SIMTEK-U634H256S2C25G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
More results

Similar Description - U634H256D1M45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
UL634H256 SIMTEK-UL634H256 Datasheet
350Kb / 15P
   Low Voltage PowerStore 32K x 8 nvSRAM
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com