Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SER1590-681ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SER1590-681ML
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER1590-681ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  SER1590-681ML Datasheet HTML 1Page - Coilcraft lnc. SER1590-681ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Power Inductors – SER1590
Document 289 -1
Inductance2
DCR (mOhms)3
SRF typ4
Isat (A)5
Irms6
Part number1
±20% (µH)
typ
max
(MHz)
10% drop
20% drop
30% drop
(A)
SER1590-301ML_
0.30
0.66
0.72
260
53
56
57
32
SER1590-501ML_
0.50
0.87
0.94
202
39
42
44
27
SER1590-601ML_
0.60
0.87
0.94
182
33
35
36
27
SER1590-681ML_
0.68
0.87
0.94
160
30
32
33
27
SER1590-801ML_
0.80
0.87
0.94
123
25
26
27
27
SER1590-901ML_
0.90
1.08
1.15
160
27
28
29
22
SER1590-102ML_
1.0
0.87
0.94
115
20
22
23
27
SER1590-122ML_
1.2
1.08
1.15
90
20
22
23
22
SER1590-152ML_
1.5
1.08
1.15
73
17
18
19
22
Designed for high current, low voltage power supply
applications, the SER1590 Series offers unmatched
electrical performance in an extremely robust package.
With their heavy flat wire windings, these inductors have
exceptionally low DC resistance and offer saturation cur-
rent ratings up to 50 Amps. Winding to core isolation
is 300 Vrms.
1. When ordering, please specify
termination and packaging codes:
SER1590-102MLD
Termination: L = RoHS compliant tin-silver over copper.
Special order: T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (250 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter D instead.
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/
HP 4284A LCR meter or equivalent.
3. DCR measured on a Keithley 580 micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753D network analyzer and Coil-
craft SMD-D test fixture.
5. DC current at 25°C that causes the specified inductance drop from its
value without current. Click for temperature derating information.
6. Current that causes a 40°C temperature rise from 25°C ambient. This
information is for reference only and does not represent absolute
maximum ratings. Click for temperature derating information . When
Irms is greater than Isat, Isat is the more critical specification, and Irms
is shown in gray type. See Temperature Rise vs Current curve on next
page.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering
Designer’s Kit C366 contains 4 of each value
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS tin silver (96.5/3.5) over copper. Other terminations
available at additional cost.
Weight 4.14 – 5.2 g
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 250 per 13
″ reel; Plastic tape: 32 mm wide, 0.4 mm thick,
32 mm pocket spacing, 10.4 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
Document 289-1 Revised 09/10/15


Similar Part No. - SER1590-681ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER1590-681ML COILCRAFT-SER1590-681ML Datasheet
210Kb / 2P
   SMT Power Inductor
SER1590-681MLB COILCRAFT-SER1590-681MLB Datasheet
200Kb / 1P
   Kit Contents for C366, SER1590 High Current Power Inductors 9 values, 4 of each
SER1590-681MLB COILCRAFT-SER1590-681MLB Datasheet
212Kb / 2P
   Shielded Power Inductors - SER1590
SER1590-681MLD COILCRAFT-SER1590-681MLD Datasheet
212Kb / 2P
   Shielded Power Inductors - SER1590
More results

Similar Description - SER1590-681ML

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com