Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6525 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6525
Description  LMH6525/LMH6526 Four?밅hannel Laser Diode Driver with Dual Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6525 Datasheet(HTML) 5 Page - Texas Instruments

  LMH6525 Datasheet HTML 1Page - Texas Instruments LMH6525 Datasheet HTML 2Page - Texas Instruments LMH6525 Datasheet HTML 3Page - Texas Instruments LMH6525 Datasheet HTML 4Page - Texas Instruments LMH6525 Datasheet HTML 5Page - Texas Instruments LMH6525 Datasheet HTML 6Page - Texas Instruments LMH6525 Datasheet HTML 7Page - Texas Instruments LMH6525 Datasheet HTML 8Page - Texas Instruments LMH6525 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LMH6525, LMH6526
www.ti.com
SNOSAF1B – JUNE 2005 – REVISED MARCH 2013
+5V AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits specified for TJ = 25°C, IOUT = 40 mA DC and 40 mA pulse, RL = 50Ω. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Units
tr
Write Rise Time
IOUT = 40 mA (Read) + 40 mA
0.6
ns
(10% to 90%) RLOAD = 5Ω
tf
Write Fall Time
IOUT = 40 mA (Read) + 40 mA
1.6
ns
(90% to 10%) RLOAD = 5Ω
tr
Write Rise Time
IOUT = 100 mA (Read) + 100 mA
0.6
ns
(10% to 90%) RLOAD = 5Ω
tf
Write Fall Time
IOUT = 100 mA (Read) + 100 mA
1.0
ns
(90% to 10%) RLOAD = 5Ω
tr
Write Rise Time
IOUT = 150 mA (Read) + 150 mA
0.6
ns
(10% to 90%) RLOAD = 5Ω
tf
Write Fall Time
IOUT = 150 mA (Read) + 150 mA
1.0
ns
(90% to 10%) RLOAD = 5Ω
OS
Output Current Overshoot
IOUT = 40 mA (Read) + 40 mA
18
%
(3)
IN0
Output Current Noise
IOUT = 40 mA; RLOAD = 50Ω;
0.24
nA/
√Hz
f = 50 MHz; ENOSC = Low
tON
IOUT ON Prod. Delay
Switched on EN2 and EN2B
3.1
ns
tOFF
IOUT OFF Prop. Delay
Switched on EN2 and EN2B
3.3
ns
tdisr
Disable Time, Read Channel
Switched on ENR
3.5
as
Tenr
Enable Time, Read Channel
Switched on ENR
2.8
ns
tdis
Disable Time (Shutdown)
Enable = High to Low
37
ns
ten
Enable Time (Shutdown)
Enable = Low to High
4.5
µs
BWC
Channel Bandwidth,
−3 dB
IOUT = 50 mA, All Channels
250
KHz
FOSC
Oscillator Frequency
RF = 3.48 kΩ
290
360
430
MHz
Range 200 MHz to 600 MHz
TDO
Disable Time Oscillator
LMH6525
5
ns
TEO
Enable Time Oscillator
LMH6525
4
ns
TDO
Disable Time Oscillator
LMH6526
7
ns
TEO
Enable Time Oscillator
LMH6526
4
ns
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
This is the average between the positive and negative overshoot.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6525 LMH6526


Similar Part No. - LMH6525

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6525 NSC-LMH6525 Datasheet
905Kb / 15P
   Four-hannel Laser Diode Driver with Dual Output
LMH6525SPNOPB NSC-LMH6525SPNOPB Datasheet
905Kb / 15P
   Four-hannel Laser Diode Driver with Dual Output
LMH6525SPXNOPB NSC-LMH6525SPXNOPB Datasheet
905Kb / 15P
   Four-hannel Laser Diode Driver with Dual Output
More results

Similar Description - LMH6525

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6525 NSC-LMH6525 Datasheet
905Kb / 15P
   Four-hannel Laser Diode Driver with Dual Output
LMH6533 NSC-LMH6533 Datasheet
262Kb / 11P
   Four - Channel Laser Diode Driver with Dual Output, LVDS Interface and HFM Oscillator
logo
Micrel Semiconductor
SY100EL1003 MICREL-SY100EL1003_06 Datasheet
78Kb / 7P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V Datasheet
63Kb / 5P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003 MICREL-SY100EL1003 Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
Analog Devices
AD9665ACPZ-REEL7 AD-AD9665ACPZ-REEL7 Datasheet
447Kb / 17P
   4-Channel, LVDS, Dual-Output, Laser Diode Driver with Oscillator
Rev. E
AD9664 AD-AD9664 Datasheet
89Kb / 2P
   4-Channel LVDS Dual-Output Laser Diode Driver with Oscillator
Rev. SpA
logo
Micrel Semiconductor
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
   DUAL CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com