Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS4012-684MR Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS4012-684MR
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS4012-684MR Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS4012-684MR Datasheet HTML 1Page - Coilcraft lnc. LPS4012-684MR Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Power Inductors–LPS4012
Document 433-1
Document 433-1 Revised 08/01/13
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4 10% 20% 30%
20°C 40°C
Part number1
(µH)
(Ohms) (MHz) drop drop drop
rise
rise
LPS4012-331MR_
0.33±20% 0.025 375
5.2
5.4
5.5
2.2
3.0
LPS4012-681MR_
0.68±20% 0.055 220
3.5
3.6
3.7
1.8
2.4
LPS4012-102NR_
1.0±30%
0.060 180
2.8
2.9
3.0
1.7
2.4
LPS4012-152MR_
1.5±20%
0.070 140
2.6
2.7
2.8
1.6
2.2
LPS4012-222MR_
2.2±20%
0.100 115
2.3
2.4
2.5
1.2
1.75
LPS4012-332MR_
3.3±20%
0.100 100
1.3
1.4
1.4
1.45
2.00
LPS4012-472MR_
4.7±20%
0.175
70
1.6
1.7
1.8
1.10
1.45
LPS4012-562MR_
5.6±20%
0.260
60
1.5
1.6
1.6
0.85
1.10
LPS4012-682MR_
6.8±20%
0.340
55
1.3
1.3
1.4
0.80
0.98
LPS4012-103MR_
10±20%
0.350
40
0.98
1.0
1.1
0.55
0.75
LPS4012-153MR_
15±20%
0.550
30
0.79
0.82
0.84
0.53
0.73
LPS4012-223MR_
22±20%
0.600
25
0.74
0.78
0.79
0.52
0.70
LPS4012-333MR_
33±20%
0.825
22
0.45
0.47
0.48
0.46
0.61
LPS4012-473MR_
47±20%
1.40
19
0.35
0.37
0.38
0.40
0.52
LPS4012-683MR_
68±20%
1.70
15
0.30
0.32
0.33
0.35
0.46
LPS4012-104MR_ 100±20%
2.40
12
0.24
0.26
0.27
0.30
0.40
LPS4012-124MR_ 120±20%
3.30
11.5 0.23
0.24
0.25
0.27
0.36
LPS4012-154MR_ 150±20%
3.50
10.0 0.21
0.22
0.23
0.25
0.32
LPS4012-184MR_ 180±20%
5.00
8.0 0.18
0.19
0.20
0.23
0.29
LPS4012-224MR_ 220±20%
5.20
7.0 0.15
0.16
0.17
0.21
0.27
LPS4012-334MR_ 330±20%
7.20
7.0 0.14
0.14
0.15
0.17
0.225
LPS4012-474MR_ 470±20%
10.0
4.0 0.10
0.11
0.12
0.13
0.175
LPS4012-564MR_ 560±20%
12.5
3.5 0.10
0.105 0.115 0.11
0.140
LPS4012-684MR_ 680±20%
13.5
3.0 0.10
0.105 0.110 0.11
0.135
LPS4012-824MR_ 820±20%
20.0
3.0 0.090 0.095 0.095 0.105 0.132
LPS4012-105MR_ 1000±20%
21.5
3.0 0.080 0.090 0.095 0.100 0.130
LPS4012-155MR_ 1500±20%
30.0
2.5 0.080 0.090 0.090 0.087 0.115
LPS4012-185MR_ 1800±20%
35.0
2.0 0.079 0.085 0.087 0.075 0.100
LPS4012-225MR_ 2200±20%
42.0
1.0 0.079 0.083 0.085 0.070 0.090
1. Please specify
termination and packaging codes:
LPS4012-682MRC
Termination: R= RoHS compliant matte tin over
nickel over silver.
Special order, added cost:
Q = RoHS tin-silver-copper (95.5/4/0.5)
or
P = non-RoHS tin-lead (63/37).
Packaging: C= 7
″ machine-ready reel. EIA-481
embossed plastic tape (1000 parts
per full reel).
B= Less than full reel. In tape, but not
machine ready.
To have a leader and trailer added
($25 charge), use code letter C
instead.
D= 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory
order only, not stocked (3500 parts
per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms using an
Agilent/HP 4192A. Inductance at 1 MHz is the same for
parts with SRF
≥10 MHz.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or equivalent.
5. DC current at 25°C that causes the specified induc-
tance drop from its value without current.
Click for temperature derating information.
6. Current that causes the specified temperature rise from
25°C ambient.This information is for reference only and
does not represent absolute maximum ratings.
Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Environmental RoHS compliant, halogen free
Terminations RoHS compliant matte tin over nickel over silver.
Other terminations available at additional cost.
Weight 54 – 64 mg
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.25 mm thick, 8 mm pocket spacing, 1.32 mm pocket depth
Recommended pick and place nozzle OD: 4 mm; ID:
≤ 2 mm
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Very low DCR; excellent current handling
• 4.0 × 4.0 mm footprint; less than 1.2 mm tall


Similar Part No. - LPS4012-684MR

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4012-684ML COILCRAFT-LPS4012-684ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS4012-684ML COILCRAFT-LPS4012-684ML Datasheet
204Kb / 2P
   Shielded Power Inductors ??LPS4012
LPS4012-684ML COILCRAFT-LPS4012-684ML Datasheet
204Kb / 2P
   Shielded Power Inductors ??LPS4012
LPS4012-684ML COILCRAFT-LPS4012-684ML Datasheet
204Kb / 2P
   Shielded Power Inductors ??LPS4012
More results

Similar Description - LPS4012-684MR

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com