Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6514 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6514
Description  LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6514 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH6514 Datasheet HTML 17Page - Texas Instruments LMH6514 Datasheet HTML 18Page - Texas Instruments LMH6514 Datasheet HTML 19Page - Texas Instruments LMH6514 Datasheet HTML 20Page - Texas Instruments LMH6514 Datasheet HTML 21Page - Texas Instruments LMH6514 Datasheet HTML 22Page - Texas Instruments LMH6514 Datasheet HTML 23Page - Texas Instruments LMH6514 Datasheet HTML 24Page - Texas Instruments LMH6514 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
14
15
16
13
7
6
5
8
OUT-
OUT+
GND
IN+
IN-
GND
-
+
VOUT
5V
5V
14
15
16
13
7
6
5
8
OUT-
OUT+
GND
IN+
IN-
GND
-
+
VOUT
5V
5V
14
15
16
13
7
6
5
8
OUT-
OUT+
GND
IN+
IN-
GND
LOAD+
LOAD-
14
15
16
13
7
6
5
8
OUT-
OUT+
GND
IN+
IN-
GND
NC
NC
-
+
VOUT
5V
5V
LMH6514
www.ti.com
SNOSB06A – JANUARY 2008 – REVISED MARCH 2013
Figure 52. Internal Load Resistors
Figure 53. Using High Gain Mode (400
Ω Load)
Figure 54. Using Low Gain Mode (200
Ω Load)
Figure 55. Alternate Connection for Low Gain
Mode (200
Ω Load)
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH6514


Similar Part No. - LMH6514

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6514 TI1-LMH6514 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6514SQ NSC-LMH6514SQ Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6514SQENOPB TI1-LMH6514SQENOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6514SQNOPB TI1-LMH6514SQNOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
More results

Similar Description - LMH6514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6514 TI1-LMH6514_14 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6515 TI1-LMH6515_14 Datasheet
1Mb / 27P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
SNOA524 TI1-SNOA524 Datasheet
4Mb / 8P
[Old version datasheet]   AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
AN-1828 TI-AN-1828 Datasheet
4Mb / 8P
[Old version datasheet]   AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
logo
National Semiconductor ...
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com