Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6503MA Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6503MA
Description  LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6503MA Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6503MA Datasheet HTML 7Page - Texas Instruments LMH6503MA Datasheet HTML 8Page - Texas Instruments LMH6503MA Datasheet HTML 9Page - Texas Instruments LMH6503MA Datasheet HTML 10Page - Texas Instruments LMH6503MA Datasheet HTML 11Page - Texas Instruments LMH6503MA Datasheet HTML 12Page - Texas Instruments LMH6503MA Datasheet HTML 13Page - Texas Instruments LMH6503MA Datasheet HTML 14Page - Texas Instruments LMH6503MA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
10
100
1k
2k
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
RG (:)
RF = 477:
RF = 690:
RF = 1.3k:
RF = 6.18k:
f (5 MHz/DIV)
2.00
2.10
2.20
2.30
2.40
2.50
2.60
2.70
2.80
VG = VGMAX
AVMAX = 10
0
2
4
8
10
AV (V/V)
100k
1M
10M
100M
6
1
3
5
7
9
RF = 1k:
RG = 170:
PIN = -10dBm
VG VARIED
±0.1dB
±0.2dB
0.30
0.40
f (3 MHz/DIV)
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
GAIN
PHASE
-1.0V
1.2V
-0.4V
GAIN DATA NORMALIZED TO LOW
FREQUENCY VALUE AT EACH VG
-1.0V
-0.4V
1.2V
-3
-2
-1
0
1
2
3
VCM (V)
-170
-160
-150
-140
-130
-120
-110
-100
-40°C
85°C
25°C
VS = ±5V
VG = VGMAX
100k
1M
10M
100M
FREQUENCY (Hz)
-120
-100
-80
-60
-40
-20
0
20
40
60
AVMAX = 2
AVMAX = 10
AVMAX = 100
LMH6503
www.ti.com
SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013
Typical Performance Charateristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VG_MAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output:
Output Offset Voltage vs.VCM (Typical Unit 3)
Feed through Isolation
Figure 28.
Figure 29.
Gain Flatness and Linear Phase Deviation
Gain Flatness Frequency vs. Gain (1)
Figure 30.
Figure 31.
Group Delay vs. Frequency
K Factor vs. RG
Figure 32.
Figure 33.
(1)
Flat Band Attenuation (Relative To Max Gain) Range Definition: Specified as the attenuation range from maximum which allows gain
flatness specified (either ±0.2dB or ±0.1dB), relative to AVMAX gain. For example, for f<30MHz, here are the Flat Band Attenuation
ranges:±0.2dB:
10V/V down to 1V/V=20dB range±0.1dB:
10V/V down to 4.7V/V=6.5dB range
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6503


Similar Part No. - LMH6503MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6503MA NSC-LMH6503MA Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6503MA TI-LMH6503MA Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MA TI-LMH6503MA Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503MAX NSC-LMH6503MAX Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results

Similar Description - LMH6503MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Texas Instruments
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com