Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6503 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6503
Description  LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6503 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMH6503 Datasheet HTML 16Page - Texas Instruments LMH6503 Datasheet HTML 17Page - Texas Instruments LMH6503 Datasheet HTML 18Page - Texas Instruments LMH6503 Datasheet HTML 19Page - Texas Instruments LMH6503 Datasheet HTML 20Page - Texas Instruments LMH6503 Datasheet HTML 21Page - Texas Instruments LMH6503 Datasheet HTML 22Page - Texas Instruments LMH6503 Datasheet HTML 23Page - Texas Instruments LMH6503 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
10
100
1000
10000
MAX GAIN
MID GAIN
MIN GAIN
AVMAX = 10
RF = 1k:
RG = 180:
VRMS = ein * 1.57 * (-3dB BANDWIDTH)
MIN GAIN LIMIT
TYPICAL GAIN
BEST FIT LINE
D
C
B
A
PARAMETER:
GAIN ACCURACY (TYPICAL) = B/C (dB)
GAIN ACCURACY (+ & - LIMIT) = D/C & A/C (dB)
GAIN MATCHING (+ & - LIMIT) = D/B & A/B (dB)
VG (V)
MAX GAIN LIMIT
LMH6503
SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013
www.ti.com
Figure 62. Gain Accuracy and Gain Matching Parameters Defined
NOISE
Figure 63 describes the LMH6503's output-referred spot noise density as a function of frequency with AVMAX =
10V/V. The plot includes all the noise contributing terms. However, with both inputs terminated in 50
Ω, the input
noise contribution is minimal. At AVMAX = 10V/V, the LMH6503 has a typical flat-band input-referred spot noise
density (ein) of 6.6nV/√Hz. For applications with −3dB BW extending well into the flat-band region, the input RMS
voltage noise can be determined from the following single-pole model:
(9)
Figure 63. Output Referred Voltage Noise vs. Frequency
20
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6503


Similar Part No. - LMH6503

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6503 TI-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503 TI-LMH6503 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503MA NSC-LMH6503MA Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
logo
Texas Instruments
LMH6503MA TI-LMH6503MA Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results

Similar Description - LMH6503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
[Old version datasheet]   LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
   Wideband, Low Power, Linear Variable Gain Amplifier
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
   Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
   Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Texas Instruments
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
[Old version datasheet]   LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com