Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH3401 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMH3401
Description  LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH3401 Datasheet(HTML) 5 Page - Texas Instruments

  LMH3401 Datasheet HTML 1Page - Texas Instruments LMH3401 Datasheet HTML 2Page - Texas Instruments LMH3401 Datasheet HTML 3Page - Texas Instruments LMH3401 Datasheet HTML 4Page - Texas Instruments LMH3401 Datasheet HTML 5Page - Texas Instruments LMH3401 Datasheet HTML 6Page - Texas Instruments LMH3401 Datasheet HTML 7Page - Texas Instruments LMH3401 Datasheet HTML 8Page - Texas Instruments LMH3401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
LMH3401
www.ti.com
SBOS695A – AUGUST 2014 – REVISED DECEMBER 2014
7.5 Electrical Characteristics: VS = 5 V
Test conditions are at TA = 25°C, VS+ = 2.5 V, VS– = –2.5 V, VCM = 0 V, RL = 200-Ω differential, G = 16 dB, single-ended
input and differential output, and input and output referenced to midsupply, unless otherwise noted. Measured using an
evaluation module (EVM) as discussed in the section.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
Small-signal bandwidth
VO = 200 mVPP
(2)
7
GHz
C
Large-signal bandwidth
VO = 2 VPP
4
GHz
C
Bandwidth for 0.1-dB flatness
VO = 2 VPP
700
MHz
C
Slew rate
VO = 2-V step
18000
V/µs
C
Rise time
VO = 1-V step
80
ps
C
Fall time
VO = 1-V step
80
ps
C
Settling time to 1%
VO = 2-V step
1
ns
C
Input return loss, s11
See S-Parameters section, f < 1 GHz
–20
dB
C
Output return loss, s22
See S-Parameters section, f < 1 GHz
–20
dB
C
Reverse isolation, s12
See S-Parameters section, f < 1 GHz
–65
dB
C
f = 10 MHz, VO = 2 VPP
–96
dBc
C
f = 500 MHz, VO = 2 VPP
–79
dBc
C
Second-order harmonic distortion
f = 1 GHz, VO = 2 VPP
–64
dBc
C
f = 2 GHz, VO = 2 VPP
–55
dBc
C
f = 10 MHz, VO = 2 VPP
–102
dBc
C
f = 500 MHz, VO = 2 VPP
–77
dBc
C
Third-order harmonic distortion
f = 1 GHz, VO = 2 VPP
–72
dBc
C
f = 2 GHz, VO = 2 VPP
–40
dBc
C
f = 10 MHz, VO = 1 VPP per tone
–90
dBc
C
f = 500 MHz, VO = 1 VPP per tone
–77
dBc
C
Second-order intermodulation distortion
f = 1 GHz, VO = 1 VPP per tone
–71
dBc
C
f = 2 GHz, VO = 1 VPP per tone
–56
dBc
C
f = 10 MHz, VO = 1 VPP per tone
–101
dBc
C
f = 500 MHz, VO = 1 VPP per tone
–86
dBc
C
Third-order intermodulation distortion
f = 1 GHz, VO = 1 VPP per tone
–73
dBc
C
f = 2 GHz, VO = 1 VPP per tone
–52
dBc
C
1-dB compression point
f = 200 MHz, power measured at amplifier
13
dBm
C
At device outputs, f = 200 MHz
45
dBm
C
Output third-order intercept point
At device outputs, f = 1000 MHz
33
dBm
C
Input-referred voltage noise
f > 1 MHz
1.4
nV/
√Hz
C
f = 200 MHz
9
dB
C
50-
Ω, single-
Noise figure
ended source
f = 1 GHz
9.4
dB
C
Overdrive recovery
Overdrive = ±0.5 V
300
ps
C
Output balance error
f = 1000 MHz
45
dBc
C
Output impedance
At dc
16
20
24
Ω
A
(1)
Test levels: (A) 100% tested at 25°C. Overtemperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(2)
All output voltages are specified as differential voltages unless otherwise noted. Output differential voltage is defined as VO = (VO+
VO–).
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH3401


Similar Part No. - LMH3401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH3401 TI-LMH3401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
More results

Similar Description - LMH3401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH3401 TI-LMH3401 Datasheet
2Mb / 48P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303 TI-THS4303 Datasheet
611Kb / 24P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
[Old version datasheet]   2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com