Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA204AUG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PGA204AUG4
Description  INSTRUMENTATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA204AUG4 Datasheet(HTML) 3 Page - Texas Instruments

  PGA204AUG4 Datasheet HTML 1Page - Texas Instruments PGA204AUG4 Datasheet HTML 2Page - Texas Instruments PGA204AUG4 Datasheet HTML 3Page - Texas Instruments PGA204AUG4 Datasheet HTML 4Page - Texas Instruments PGA204AUG4 Datasheet HTML 5Page - Texas Instruments PGA204AUG4 Datasheet HTML 6Page - Texas Instruments PGA204AUG4 Datasheet HTML 7Page - Texas Instruments PGA204AUG4 Datasheet HTML 8Page - Texas Instruments PGA204AUG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
®
PGA204/205
SPECIFICATIONS
ELECTRICAL
At TA = +25°C, VS = ±15V, and RL = 2kΩ unless otherwise noted.
INPUT
Offset Voltage, RTI
TA=+25°C
±10+20/G ±50+100/G
±25+30/G ±125+500/G
µV
vs Temperature
TA=TMIN to TMAX
±0.1+0.5/G ±0.25+5/G
±0.25+5/G
±1+10/G
µV/°C
vs Power Supply
VS=±4.5V to ±18V
0.5+2/G
3+10/G
*
*
µV/V
Long-Term Stability
±0.2+0.5/G
*
µV/mo
Impedance, Differential
1010||6
*
Ω||pF
Common-Mode
1010||6
*
Ω||pF
Input Common-Mode Range
VO=0V (see text)
±10.5
±12.7
*
*
V
Safe Input Voltage
±40
*
V
Common-Mode Rejection
VCM=±10V, ∆RS=1kΩ
G=1
80
94
75
88
dB
G=2
85
100
80
94
dB
G=4
90
106
85
100
dB
G=8
95
112
89
106
dB
BIAS CURRENT
±0.5
±2*
±5nA
vs Temperature
±8
*
pA/
°C
Offset Current
±0.5
±2*
*
nA
vs Temperature
±8
*
pA/
°C
Noise Voltage, RTI(1): f=10Hz
G=8, RS=0Ω
19
*
nV/
√Hz
f=100Hz
G=8, RS=0Ω
15
*
nV/
√Hz
f=1kHz
G=8, RS=0Ω
15
*
nV/
√Hz
fB=0.1Hz to 10Hz
G=8, RS=0Ω
0.5
*
µVp-p
Noise Current
f=10Hz
0.4
*
pA/
√Hz
f=1kHz
0.2
*
pA/
√Hz
fB=0.1Hz to 10Hz
18
*
pAp-p
GAIN, Error
G=1
±0.005
±0.024
*
±0.05
%
G=2
±0.01
±0.024
*
±0.05
%
G=4
±0.01
±0.024
*
±0.05
%
G=8
±0.01
±0.024
*
±0.05
%
Gain vs Temperature
G=1 to 8
±2.5
±10
*
*
ppm/
°C
Nonlinearity
G=1
±0.00024
±0.001
*
±0.002
% of FSR
G=2
±0.00024
±0.002
*
±0.004
% of FSR
G=4
±0.00024
±0.002
*
±0.004
% of FSR
G=8
±0.00024
±0.002
*
±0.004
% of FSR
OUTPUT
Voltage, Positive(2)
IO=5mA, TMIN to TMAX
(V+)–1.5
(V+)–1.3
*
*
V
Negative(2)
IO=–5mA, TMIN to TMAX
(V–)+1.5
(V–)+1.3
*
*
V
Load Capacitance Stability
1000
*
pF
Short Circuit Current
+23/–17
*
mA
FREQUENCY RESPONSE
Bandwidth, –3dB
G=1
1
*
MHz
G=2
400
*
kHz
G=4
200
*
kHz
G=8
100
*
kHz
Slew Rate
VO=±10V, G=8
0.3
0.7
*
*
V/
µs
Settling Time(3), 0.1%
G=1
22
*
µs
G=2
22
*
µs
G=4
23
*
µs
G=8
23
*
µs
0.01%
G=1
23
*
µs
G=2
23
*
µs
G=4
25
*
µs
G=8
28
*
µs
Overload Recovery
50% overdrive
70
*
µs
DIGITAL LOGIC INPUTS
Digital Ground Voltage, VDG
V–
(V+)–4
*
*
V
Digital Low Voltage
V–
VDG+0.8V
*
*
V
Digital Low Current
1
*
µA
Digital High Voltage
VDG+2
V+
*
*
V
POWER SUPPLY, Voltage
±4.5
±15
±18
*
**V
Current
VIN=0V
+5.2/–4.2
±6.5
*
±7.5
mA
TEMPERATURE RANGE
Specification
–40
+85
*
*
°C
Operating
–40
+125
*
*
°C
θ
JA
80
*
°C/W
PGA205BP, BU
PGA205AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
PGA205
G=1, 2, 4, 8V/V
* Specification same as PGA204BP.
NOTES: (1) Input-referred noise voltage varies with gain. See typical curves. (2) Output voltage swing is tested for
±10V min on ±11.4V power supplies. (3) Includes
time to switch to a new gain.


Similar Part No. - PGA204AUG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA204AU BURR-BROWN-PGA204AU Datasheet
261Kb / 14P
   Programmable Gain INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA204AUG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com