Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV32APW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV32APW
Description  Quadruple 2-Input Positive-Or Gates
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV32APW Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LV32APW Datasheet HTML 5Page - Texas Instruments SN74LV32APW Datasheet HTML 6Page - Texas Instruments SN74LV32APW Datasheet HTML 7Page - Texas Instruments SN74LV32APW Datasheet HTML 8Page - Texas Instruments SN74LV32APW Datasheet HTML 9Page - Texas Instruments SN74LV32APW Datasheet HTML 10Page - Texas Instruments SN74LV32APW Datasheet HTML 11Page - Texas Instruments SN74LV32APW Datasheet HTML 12Page - Texas Instruments SN74LV32APW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
A
B
Y
Y + A ) B or Y + A • B
SN74LV32A
www.ti.com
SCLS385K – SEPTEMBER 1997 – REVISED DECEMBER 2014
9 Detailed Description
9.1 Overview
This quadruple 2-input positive-OR gate is designed for 2-V to 5.5-V VCC operation.
The SN74LV32A device performs the Boolean function
in positive logic.
This part has low drive which produces slower rise and fall times that will reduce ringing on the output signal.
The inputs and outputs are of high impedance when VCC = 0 V.
9.2 Functional Block Diagram
Figure 4. Logic Diagram, Each Gate (Positive Logic)
9.3 Feature Description
Wide operating voltage range
Operates from 2 V to 5.5 V
Allows down-voltage translation
Inputs accept voltages to 5.5 V
Ioff feature
Supports Live Insertion, Partial Power DownMode, and Back Drive Protection
9.4 Device Functional Modes
Table 1. Function Table
(Each Gate)
INPUTS
OUTPUT
Y
A
B
H
X
H
X
H
H
L
L
L
Copyright © 1997–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LV32A


Similar Part No. - SN74LV32APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV32APW TI-SN74LV32APW Datasheet
412Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32APW TI-SN74LV32APW Datasheet
648Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32APWE4 TI-SN74LV32APWE4 Datasheet
412Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32APWE4 TI-SN74LV32APWE4 Datasheet
648Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32APWG4 TI-SN74LV32APWG4 Datasheet
412Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - SN74LV32APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com