Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA202AG Datasheet(PDF) 4 Page - Texas Instruments

Part # PGA202AG
Description  INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA202AG Datasheet(HTML) 4 Page - Texas Instruments

  PGA202AG Datasheet HTML 1Page - Texas Instruments PGA202AG Datasheet HTML 2Page - Texas Instruments PGA202AG Datasheet HTML 3Page - Texas Instruments PGA202AG Datasheet HTML 4Page - Texas Instruments PGA202AG Datasheet HTML 5Page - Texas Instruments PGA202AG Datasheet HTML 6Page - Texas Instruments PGA202AG Datasheet HTML 7Page - Texas Instruments PGA202AG Datasheet HTML 8Page - Texas Instruments PGA202AG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
®
PGA202/203
4
OUTPUT NOISE vs FREQUENCY
110
102
103
10
10
45
Frequency (Hz)
10
1
102
103
104
INPUT NOISE vs FREQUENCY
110
102
103
10
10
45
Frequency (Hz)
10
1
102
103
104
110
102
103
10
10
106
45
Frequency (Hz)
PSRR vs FREQUENCY
160
120
80
40
0
–40
G = 1000
G = 100
G = 10
G = 1
GAIN ERROR vs FREQUENCY
110
102
103
10
10
45
Frequency (Hz)
10
1
10–1
10–2
10–3
G = 1000
G = 1
80
60
40
20
0
–20
–40
110
10
2
10
3
10
10
10
6
10
7
45
Frequency (Hz)
GAIN vs FREQUENCY
TYPICAL PERFORMANCE CURVES
TA = +25°C, VS = ±15V unless otherwise noted.
110
102
103
10
10
106
45
Frequency (Hz)
CMRR vs FREQUENCY
160
120
80
40
0
–40
G = 100, 1000
G = 10
G = 1


Similar Part No. - PGA202AG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA202AG BURR-BROWN-PGA202AG Datasheet
139Kb / 10P
   Digitally Controlled Programmable-Gain INSTRUMENTATION AMPLIFIER
PGA202AG BURR-BROWN-PGA202AG Datasheet
139Kb / 10P
   Digitally Controlled Programmable-Gain INSTRUMENTATION AMPLIFIER
More results

Similar Description - PGA202AG

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Texas Instruments
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
   INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2141 TI1-INA2141 Datasheet
751Kb / 15P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
PGA204 TI1-PGA204_16 Datasheet
794Kb / 20P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com