Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR820-TO220AC Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SR820-TO220AC
Description  8.0Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SR820-TO220AC Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SR820-TO220AC Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SR820-TO220AC Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings And Characteristic Curves
SR820 THRU SR8100
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
0
30
60
90
120
150
100
10
1.0
0.1
0.01
0.001
TJ=100 °C
TJ=25 °C
150
125
100
75
50
25
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
10
8
6
4
2
0
0
25
50
75
100
125
150
175
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
SR850-SR8100
SR820-SR845
0.1
1.0
10
100
TJ=25 C
10
100
1000
2000
SR850-SR8100
SR820-SR845
0.01
0.1
1
10
100
100
10
1
0.1
0.2
0.4
0.6
0.8
1.0
1.1
0.01
0.1
1
50
10
SR850-SR860
SR820-SR845
SR870-SR8100
TJ=25 C
PULSE WIDTH=300
μs
1%DUTY CYCLE
www.yfwdiode.com


Similar Part No. - SR820-TO220AC

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR820-8A-TO-220AC DGNJDZ-SR820-8A-TO-220AC Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR820-TO220AC

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR8200E SECOS-SR8200E_15 Datasheet
165Kb / 2P
   8.0Amp Schottky Barrier Rectifiers
SR820E SECOS-SR820E_15 Datasheet
267Kb / 2P
   8.0AMP Schottky Barrier Rectifiers
SP820S SECOS-SP820S Datasheet
398Kb / 2P
   8.0AMP Schottky Barrier Rectifiers
SR820E SECOS-SR820E_08 Datasheet
267Kb / 2P
   8.0AMP Schottky Barrier Rectifiers
SR8200E SECOS-SR8200E_11 Datasheet
165Kb / 2P
   8.0Amp Schottky Barrier Rectifiers
SR820E SECOS-SR820E Datasheet
212Kb / 2P
   8.0AMP Schottky Barrier Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
S8GBU20 SECOS-S8GBU20_15 Datasheet
225Kb / 2P
   8.0Amp Glass Passivited Bridge Rectifiers
S8GBU20-C SECOS-S8GBU20-C Datasheet
225Kb / 2P
   8.0Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com