Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM4204PAPTG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM4204PAPTG4
Description  Analog-to-Digital Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4204PAPTG4 Datasheet(HTML) 2 Page - Texas Instruments

  PCM4204PAPTG4 Datasheet HTML 1Page - Texas Instruments PCM4204PAPTG4 Datasheet HTML 2Page - Texas Instruments PCM4204PAPTG4 Datasheet HTML 3Page - Texas Instruments PCM4204PAPTG4 Datasheet HTML 4Page - Texas Instruments PCM4204PAPTG4 Datasheet HTML 5Page - Texas Instruments PCM4204PAPTG4 Datasheet HTML 6Page - Texas Instruments PCM4204PAPTG4 Datasheet HTML 7Page - Texas Instruments PCM4204PAPTG4 Datasheet HTML 8Page - Texas Instruments PCM4204PAPTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
PCM4204
SBAS327A − JUNE 2004 − REVISED SEPTEMBER 2004
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
PCM4204
UNIT
Supply voltage
VCC1, VCC2
+6.0
V
Supply voltage
VDD1, VDD2, VDD3
+3.6
V
Ground voltage differences
(any AGND to DGND or BGND)
±0.1
V
Digital input voltage
FMT0, FMT1, FMT2, S/M, FS0, FS1, FS2,
SCKI, RST, HPFD, SUB, BCK, LRCK,
DSDCLK, DSD1, DSD2, DSD3, DSD4, TEST
−0.3 to (VDD + 0.3)
V
Analog input voltage
VIN1−4+, VIN1−4−
−0.3 to (VCC + 0.3)
V
Input current (any pin except supplies)
±10mA
V
Operating temperature range
−10 to +70
°C
Storage temperature range, TSTG
−65 to +150
°C
(1) Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those specified is not implied.
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum located at the end of this
datasheet.


Similar Part No. - PCM4204PAPTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4204PAPT BURR-BROWN-PCM4204PAPT Datasheet
554Kb / 34P
   HIGH PERFORMANCE 24 BIT 216KHZ SAMPLING FOUR CHANNEL AUDIO ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com