Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM4204PAPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4204PAPR
Description  Analog-to-Digital Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4204PAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM4204PAPR Datasheet HTML 3Page - Texas Instruments PCM4204PAPR Datasheet HTML 4Page - Texas Instruments PCM4204PAPR Datasheet HTML 5Page - Texas Instruments PCM4204PAPR Datasheet HTML 6Page - Texas Instruments PCM4204PAPR Datasheet HTML 7Page - Texas Instruments PCM4204PAPR Datasheet HTML 8Page - Texas Instruments PCM4204PAPR Datasheet HTML 9Page - Texas Instruments PCM4204PAPR Datasheet HTML 10Page - Texas Instruments PCM4204PAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
PCM4204
SBAS327A − JUNE 2004 − REVISED SEPTEMBER 2004
www.ti.com
7
Terminal Functions
TERMINAL
PIN NO.
NAME
I/O
DESCRIPTION
1
VIN1−
Input
Channel 1 Analog Input, Inverting
2
VIN1+
Input
Channel 1 Analog Input, Non-inverting
3
NC
No Internal Connection
4
NC
No Internal Connection
5
VCC1
Power
Analog Supply, +5V Nominal
6
AGND1
Ground
Analog Ground
7
BGND1
Ground
Substrate Ground
8
DGND1
Ground
Digital Ground
9
VDD1
Power
Digital Supply, +3.3V Nominal
10
RST
Input
Reset/Power Down (Active Low with internal pull-up to VDD1)
11
TEST
Input
Test Pin (Active High with internal pull-down to DGND)
12
FS0
Input
Sampling Mode
13
FS1
Input
Sampling Mode
14
FS2
Input
Sampling Mode
15
SCKI
Input
System Clock
16
BGND2
Ground
Substrate Ground
17
S/M
Input
Audio Serial Port Slave/Master Mode (0 = Master, 1 = Slave)
18
FMT0
Input
Audio Data Format
19
FMT1
Input
Audio Data Format
20
FMT2
Input
Audio Data Format
21
NC
No Internal Connection
22
DGND2
Ground
Digital Ground
23
VDD2
Power
Digital Supply, +3.3V Nominal
24
DSDCLK
I/O
DSD Data Clock
25
DSD1
I/O
Channel 1 DSD Data
26
DSD2
I/O
Channel 2 DSD Data
27
DSD3
I/O
Channel 3 DSD Data
28
DSD4
I/O
Channel 4 DSD Data
29
BCK
I/O
Audio Serial Port Bit Clock
30
LRCK
I/O
Audio Serial Port Left/Right (or Word) Clock
31
SDOUT1
Output
PCM Data for Channels 1 and 2(1)
32
SDOUT2
Output
PCM Data for Channels 3 and 4(1)
33
BGND3
Ground
Substrate Ground
34
CLIP1
Output
Channel 1 Clipping Flag (Active High)
35
CLIP2
Output
Channel 2 Clipping Flag (Active High)
36
CLIP3
Output
Channel 3 Clipping Flag (Active High)
37
CLIP4
Output
Channel 4 Clipping Flag (Active High)
38
HPFD
Input
High-Pass Filter Disable (Active High)
39
SUB
Input
TDM Sub-Frame Assignment (0 = SF 0, 1 = SF 1)
40
VDD3
Power
Digital Supply, +3.3V Nominal
(1) For TDM formats, SDOUT1 carries data for all four channels, while SDOUT2 is driven low.


Similar Part No. - PCM4204PAPR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4204PAPR BURR-BROWN-PCM4204PAPR Datasheet
554Kb / 34P
   HIGH PERFORMANCE 24 BIT 216KHZ SAMPLING FOUR CHANNEL AUDIO ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com