Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM4202DB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4202DB
Description  Stereo Audio Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM4202DB Datasheet(HTML) 2 Page - Texas Instruments

  PCM4202DB Datasheet HTML 1Page - Texas Instruments PCM4202DB Datasheet HTML 2Page - Texas Instruments PCM4202DB Datasheet HTML 3Page - Texas Instruments PCM4202DB Datasheet HTML 4Page - Texas Instruments PCM4202DB Datasheet HTML 5Page - Texas Instruments PCM4202DB Datasheet HTML 6Page - Texas Instruments PCM4202DB Datasheet HTML 7Page - Texas Instruments PCM4202DB Datasheet HTML 8Page - Texas Instruments PCM4202DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
PCM4202
UNIT
Supply voltage
VCC
+6.0
V
Supply voltage
VDD
+3.6
V
Ground voltage differences
(any AGND to DGND)
±0.1
V
Digital input voltage
FMT0, FMT1, S/M, FS0, FS1, FS2, SCKI,
RST, HPFD, BCK, LRCK
−0.3 to (VDD + 0.3)
V
Analog input voltage
VINL+, VINL−, VINR+, VINR−
−0.3 to (VCC + 0.3)
V
Input current (any pin except supplies)
±10mA
V
Operating temperature range
−10 to +70
°C
Storage temperature range, TSTG
−65 to +150
°C
(1) Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those specified is not implied.
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum located at the end of this
datasheet.
PIN ASSIGNMENT
V
REFL
AGNDL
V
COML
V
INL+
V
INL−
FMT0
FMT1
S/M
FS0
FS1
FS2
HPFD
DGND
V
DD
V
REFR
AGNDR
V
COMR
V
INR+
V
INR−
AGND
V
CC
CLIPL
CLIPR
RST
SCKI
LRCK or DSDBCK
BCK or DSDL
DATA or DSDR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PCM4202


Similar Part No. - PCM4202DB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM4202DB BURR-BROWN-PCM4202DB Datasheet
342Kb / 26P
   High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PCM4202DBR BURR-BROWN-PCM4202DBR Datasheet
342Kb / 26P
   High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PCM4202DBT BURR-BROWN-PCM4202DBT Datasheet
342Kb / 26P
   High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
More results

Similar Description - PCM4202DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1717 BURR-BROWN-PCM1717 Datasheet
126Kb / 14P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com