Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U634H256SM25 Datasheet(PDF) 11 Page - Zentrum Mikroelektronik Dresden AG

Part # U634H256SM25
Description  POWERSTORE 32K X 8 NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U634H256SM25 Datasheet(HTML) 11 Page - Zentrum Mikroelektronik Dresden AG

Back Button U634H256SM25 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U634H256SM25 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U634H256SM25 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U634H256SM25 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG U634H256SM25 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG U634H256SM25 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG U634H256SM25 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG U634H256SM25 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG U634H256SM25 Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
April 21, 2004
U634H256
Device Operation
The U634H256 has two separate modes of operation:
SRAM mode and nonvolatile mode. The memory ope-
rates In SRAM mode as a standard fast static RAM.
Data is transferred in nonvolatile mode from SRAM to
EEPROM (the STORE operation) or from EEPROM to
SRAM (the RECALL operation). In this mode SRAM
functions are disabled.
STORE cycles may be initiated under user control via a
software sequence or HSB assertion and are also auto-
matically initiated when the power supply voltage level
of the chip falls below VSWITCH. RECALL operations are
automatically initiated upon power up and may also
occur when the VCCX rises above VSWITCH, after a low
power condition. RECALL cycles may also be initiated
by a software sequence.
SRAM READ
The U634H256 performs a READ cycle whenever E
and G are LOW and HSB and W are HIGH. The
address specified on pins A0 - A14 determines which of
the 32768 data bytes will be accessed. When the
READ is initiated by an address transition, the outputs
will be valid after a delay of tcR. If the READ is initiated
by E or G, the outputs will be valid at ta(E) or at ta(G),
whichever is later. The data outputs will repeatedly
respond to address changes within the tcR access time
without the need for transition on any control input pins,
and will remain valid until another address change or
until E or G is brought HIGH or W or HSB is brought
LOW.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
LOW and HSB is HIGH. The address inputs must be
stable prior to entering the WRITE cycle and must
remain stable until either E or W goes HIGH at the end
of the cycle. The data on pins DQ0 - 7 will be written
into the memory if it is valid tsu(D) before the end of a W
controlled WRITE or tsu(D) before the end of an E con-
trolled WRITE.
It is recommended that G is kept HIGH during the
entire WRITE cycle to avoid data bus contention on the
common I/O lines. If G is left LOW, internal circuitry will
turn off the output buffers tdis(W) after W goes LOW.
Automatic STORE
During normal operation, the U634H256 will draw cur-
rent from VCCX to charge up a capacitor connected to
the VCAP pin. This stored charge will be used by the
chip to perform a single STORE operation. If the
voltage on the VCCX pin drops below VSWITCH, the part
will automatically disconnect the VCAP pin from VCCX
and initiate a STORE operation.
Figure 1 shows the proper connection of capacitors for
automatic STORE operation. The charge storage capa-
citor should have a capacity of 100 µF (
± 20 %) at 6 V.
Each U634H256 must have its own 100 µF capacitor.
Each U634H256 must have a high quality, high fre-
quency bypass capacitor of 0.1 µF connected between
VCAP and VSS, using leads and traces that are short as
possible. This capacitor do not replace the normal
expected high frequency bypass capacitor between the
power supply voltage and VSS.
In order to prevent unneeded STORE operations, auto-
matic STOREs as well as those initiated by externally
driving HSB LOW will be ignored unless at least one
WRITE operation has taken place since the most
recent STORE cycle. Note that if HSB is driven LOW
via external circuitry and no WRITES have taken place,
the part will still be disabled until HSB is allowed to
return HIGH. Software initiated STORE cycles are per-
formed regardless of whether or not a WRITE opera-
tion has taken place.
Automatic RECALL
During power up, an automatic RECALL takes place. At
a low power condition (power supply voltage < VSWITCH)
an internal RECALL request may be latched. As soon
as power supply voltage exceeds the sense voltage of
VSWITCH, a requested RECALL cycle will automatically
be initiated and will take tRESTORE to complete.
If the U634H256 is in a WRITE state at the end of
power up RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10 k
Ω resistor should be
connected between W and power supply voltage.
Software Nonvolatile STORE
The U634H256 software controlled STORE cycle is
initiated by executing sequential READ cycles from six
specific address locations. By relying on READ cycles
only, the U634H256 implements nonvolatile operation
while remaining compatible with standard 32K x 8
SRAMs. During the STORE cycle, an erase of the pre-
vious nonvolatile data is performed first, followed by a
parallel programming of all nonvolatile elements. Once
a STORE cycle is initiated, further inputs and outputs
are disabled until the cycle is completed.
Because a sequence of addresses is used for STORE
initiation, it is important that no other READ or WRITE
accesses intervene in the sequence or the sequence
will be aborted.
To initiate the STORE cycle the following READ
sequence must be performed:


Similar Part No. - U634H256SM25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U634H256S2A25G1 SIMTEK-U634H256S2A25G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A35G1 SIMTEK-U634H256S2A35G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2A45G1 SIMTEK-U634H256S2A45G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2C25G1 SIMTEK-U634H256S2C25G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256S2C35G1 SIMTEK-U634H256S2C35G1 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
More results

Similar Description - U634H256SM25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
List of Unclassifed Man...
UL634H256 ETC-UL634H256 Datasheet
232Kb / 14P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
UL634H256 SIMTEK-UL634H256 Datasheet
350Kb / 15P
   Low Voltage PowerStore 32K x 8 nvSRAM
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com