Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3060PWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3060PWRG4
Description  96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3060PWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  PCM3060PWRG4 Datasheet HTML 1Page - Texas Instruments PCM3060PWRG4 Datasheet HTML 2Page - Texas Instruments PCM3060PWRG4 Datasheet HTML 3Page - Texas Instruments PCM3060PWRG4 Datasheet HTML 4Page - Texas Instruments PCM3060PWRG4 Datasheet HTML 5Page - Texas Instruments PCM3060PWRG4 Datasheet HTML 6Page - Texas Instruments PCM3060PWRG4 Datasheet HTML 7Page - Texas Instruments PCM3060PWRG4 Datasheet HTML 8Page - Texas Instruments PCM3060PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
www.ti.com
PCM3060
SLAS533B – MARCH 2007 – REVISED MARCH 2008
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI1 = SCKI2 = 512 fS, 24-bit data (unless otherwise
noted).
PCM3060PW
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DYNAMIC PERFORMANCE (SINGLE-ENDED) (8) (9) (10)
VOUT = 0 dB, fS = 48 kHz
–93
–85
THD+N
Total harmonic distortion + noise VOUT = 0 dB, fS = 96 kHz
–94
dB
VOUT = 0 dB, fS = 192 kHz
–94
fS = 48 kHz, EIAJ, A-weighted
99
103
Dynamic range
fS = 96 kHz, EIAJ, A-weighted
103
dB
fS = 192 kHz, EIAJ, A-weighted
103
fS = 48 kHz, EIAJ, A-weighted
100
104
SNR
Signal-to-noise ratio
fS = 96 kHz, EIAJ, A-weighted
104
dB
fS = 192 kHz, EIAJ, A-weighted
104
fS = 48 kHz
97
101
Channel separation
fS = 96 kHz
101
dB
fS = 192 kHz
101
fS1 = 48 kHz, fS2 = 44.1 kHz
97
101
Crosstalk from ADC
fS1 = 48 kHz, fS2 = 88.2 kHz
101
dB
fS1 = 48 kHz, fS2 = 176.4 kHz
101
DYNAMIC PERFORMANCE (DIFFERENTIAL) (8) (9) (11)
VOUT = 0 dB, fS = 48 kHz
–94
THD+N
Total harmonic distortion + noise VOUT = 0 dB, fS = 96 kHz
–95
dB
VOUT = 0 dB, fS = 192 kHz
–95
fS = 48 kHz, EIAJ, A-weighted
104
Dynamic range
fS = 96 kHz, EIAJ, A-weighted
104
dB
fS = 192 kHz, EIAJ, A-weighted
104
fS = 48 kHz, EIAJ, A-weighted
105
SNR
Signal-to-noise ratio
fS = 96 kHz, EIAJ, A-weighted
105
dB
fS = 192 kHz, EIAJ, A-weighted
105
fS = 48 kHz
103
Channel separation
fS = 96 kHz
103
dB
fS = 192 kHz
103
fS1 = 48 kHz, fS2 = 44.1 kHz
103
Crosstalk from ADC
fS1 = 48 kHz, fS2 = 88.2 kHz
103
dB
fS1 = 48 kHz, fS2 = 176.4 kHz
103
DIGITAL FILTER PERFORMANCE
SHARP ROLLOFF
0.454
Pass band
Hz
fS
0.546
Stop band
Hz
fS
Pass-band ripple
< 0.454 fS
±0.04
dB
Stop-band attenuation
> 0.546 fS
–50
dB
(8)
fS = 96 kHz: SCKI1 = SCKI2 = 256 fS, fS = 192 kHz: SCKI1 = 512 fS at fS = 48 kHz and SCKI2 = 128 fS at fS = 192 kHz.
(9)
fOUT = 1 kHz, using System Two audio measurement system by Audio Precision, RMS mode with 20-kHz LPF and 400-Hz HPF.
(10) Assumed 5-k
Ω AC-coupled second-order LPF and 115-dB or higher- performance buffer.
(11) Assumed 10-k
Ω DC-coupled second-order LPF and 115- dB or higher-performance differential to single-ended converter.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM3060


Similar Part No. - PCM3060PWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3060PWR BURR-BROWN-PCM3060PWR Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results

Similar Description - PCM3060PWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com