Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2902CDB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2902CDB
Description  Single-Ended Analog Input/Output
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2902CDB Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM2902CDB Datasheet HTML 3Page - Texas Instruments PCM2902CDB Datasheet HTML 4Page - Texas Instruments PCM2902CDB Datasheet HTML 5Page - Texas Instruments PCM2902CDB Datasheet HTML 6Page - Texas Instruments PCM2902CDB Datasheet HTML 7Page - Texas Instruments PCM2902CDB Datasheet HTML 8Page - Texas Instruments PCM2902CDB Datasheet HTML 9Page - Texas Instruments PCM2902CDB Datasheet HTML 10Page - Texas Instruments PCM2902CDB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D+
D
-
V
BUS
DGNDU
HID0
HID1
HID2
SEL0
SEL1
V
CCCI
AGNDC
V L
IN
V R
IN
V
COM
SSPND
DIN
V
CCXI
AGNDX
XTO
V
CCP2I
DGND
V
CCP1I
V
L
OUT
XTI
DOUT
V
DDI
AGNDP
V
R
OUT
PCM2902C
PCM2900C
PCM2902C
www.ti.com
SBFS039
– SEPTEMBER 2011
PCM2902C PIN ASSIGNMENTS
DB PACKAGE
SSOP-28
(TOP VIEW)
Table 2. PCM2902C TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
AGNDC
11
Analog ground for codec
AGNDP
18
Analog ground for PLL
AGNDX
22
Analog ground for oscillator
D
2
I/O
USB differential input/output minus
(1)
D+
1
I/O
USB differential input/output plus
(1)
DGND
26
Digital ground
DGNDU
4
Digital ground for USB transceiver
DIN
24
I
S/PDIF input
(2)
DOUT
25
O
S/PDIF output
HID0
5
I
HID key state input (mute), active high
(3)
HID1
6
I
HID key state input (volume up), active high
(3)
HID2
7
I
HID key state input (volume down), active high
(3)
SEL0
8
I
Must be set to high
(4)
SEL1
9
I
Must be set to high
(4)
SSPND
28
O
Suspend flag, active-low (low: suspend, high: operational)
VBUS
3
Connect to USB power (VBUS)
VCCCI
10
Internal analog power supply for codec
(5)
VCCP1I
17
Internal analog power supply for PLL
(5)
VCCP2I
19
Internal analog power supply for PLL
(5)
VCCXI
23
Internal analog power supply for oscillator
(5)
VCOM
14
Common for ADC/DAC (VCCCI/2)
(5)
VDDI
27
Internal digital power supply
VINL
12
I
ADC analog input for L-channel
VINR
13
I
ADC analog input for R-channel
VOUTL
16
O
DAC analog output for L-channel
VOUTR
15
O
DAC analog output for R-channel
XTI
21
I
Crystal oscillator input
(6)
XTO
20
O
Crystal oscillator output
(1)
LV-TTL level.
(2)
3.3-V CMOS-level input with internal pull-down, 5-V tolerant.
(3)
3.3-V CMOS-level input with internal pull-down. This pin informs the PC of serviceable control signals such as mute, volume up, or
volume down, which have no connection with the internal DAC or ADC directly. See the Interface #3 and End-Points sections.
(4)
TTL Schmitt trigger, 5-V tolerant.
(5)
Connect a decoupling capacitor to GND.
(6)
3.3-V, CMOS-level input.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM2900C PCM2902C


Similar Part No. - PCM2902CDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2902CDB TI1-PCM2902CDB Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2902CDBR TI1-PCM2902CDBR Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results

Similar Description - PCM2902CDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2904 TI1-PCM2904_09 Datasheet
484Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
logo
Burr-Brown (TI)
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
RF Monolithics, Inc
PX1004-1 RFM-PX1004-1 Datasheet
429Kb / 5P
   Single-ended Input and Output
logo
Burr-Brown (TI)
PCM3002 BURR-BROWN-PCM3002_07 Datasheet
546Kb / 39P
   16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
   16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
WAGO Kontakttechnik Gmb...
750-457 WAGO-750-457 Datasheet
468Kb / 12P
   4-channel analog input; 짹10 VDC; Single-ended
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com