Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM2900C Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2900C
Description  Single-Ended Analog Input/Output
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2900C Datasheet(HTML) 5 Page - Texas Instruments

  PCM2900C Datasheet HTML 1Page - Texas Instruments PCM2900C Datasheet HTML 2Page - Texas Instruments PCM2900C Datasheet HTML 3Page - Texas Instruments PCM2900C Datasheet HTML 4Page - Texas Instruments PCM2900C Datasheet HTML 5Page - Texas Instruments PCM2900C Datasheet HTML 6Page - Texas Instruments PCM2900C Datasheet HTML 7Page - Texas Instruments PCM2900C Datasheet HTML 8Page - Texas Instruments PCM2900C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
PCM2900C
PCM2902C
www.ti.com
SBFS039
– SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz, and 16-bit data, unless otherwise noted.
PCM2900C, PCM2902C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC CHARACTERISTICS
Resolution
8, 16
Bits
Audio data channel
1, 2
Channel
DAC Clock Frequency
fS
Sampling frequency
32, 44.1, 48
kHz
DAC DC Accuracy
% of
Gain mismatch channel-to-channel
±1
±5
FSR
% of
Gain error
±2
±10
FSR
% of
Bipolar zero error
±2
FSR
DAC Dynamic Performance(4)
VOUT = 0 dB
0.005
0.016
%
THD+N
Total harmonic distortion plus noise
VOUT = –60 dB
3
%
Dynamic range
EIAJ, A-weighted
87
93
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
90
96
dB
Channel separation
86
92
dB
Analog Output
VO
Output voltage
0.6 VCCCI
VPP
Center voltage
0.5 VCCCI
V
Load impedance
AC coupling
10
k
–3 dB
250
kHz
LPF frequency response
f = 20 kHz
–0.03
dB
DAC Digital Filter Performance
Passband
0.445 fS
Hz
Stop band
0.555 fS
Hz
Passband ripple
±0.1
dB
Stop band attenuation
–43
dB
td
Delay time
14.3 fS
s
POWER-SUPPLY REQUIREMENTS
VBUS
Voltage range
4.35
5
5.25
VDC
ADC, DAC operation
56
67
mA
Supply current
Suspend mode(5)
250
μA
ADC, DAC operation
280
352
mW
PD
Power dissipation
Suspend mode(5)
1.25
mW
VCCCI,
VCCP1I,
VCCP2I,
Internal power-supply voltage
3.1
3.3
3.5
VDC
VCCXI,
VDDI
TEMPERATURE RANGE
Operating temperature range
–25
+85
°C
(4)
fOUT = 1 kHz, using a System Two audio measurement system by Audio Precision in RMS mode with 20-kHz LPF, 400-Hz HPF.
(5)
Under USB suspend state.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM2900C PCM2902C


Similar Part No. - PCM2900C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900CDB TI1-PCM2900CDB Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900CDBR TI1-PCM2900CDBR Datasheet
1Mb / 32P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
More results

Similar Description - PCM2900C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2904 TI1-PCM2904_09 Datasheet
484Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
logo
Burr-Brown (TI)
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
RF Monolithics, Inc
PX1004-1 RFM-PX1004-1 Datasheet
429Kb / 5P
   Single-ended Input and Output
logo
Burr-Brown (TI)
PCM3002 BURR-BROWN-PCM3002_07 Datasheet
546Kb / 39P
   16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
   16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
WAGO Kontakttechnik Gmb...
750-457 WAGO-750-457 Datasheet
468Kb / 12P
   4-channel analog input; 짹10 VDC; Single-ended
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com