Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1851PJT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1851PJT
Description  6  2-CHANNEL MUX AND PGA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1851PJT Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1851PJT Datasheet HTML 7Page - Texas Instruments PCM1851PJT Datasheet HTML 8Page - Texas Instruments PCM1851PJT Datasheet HTML 9Page - Texas Instruments PCM1851PJT Datasheet HTML 10Page - Texas Instruments PCM1851PJT Datasheet HTML 11Page - Texas Instruments PCM1851PJT Datasheet HTML 12Page - Texas Instruments PCM1851PJT Datasheet HTML 13Page - Texas Instruments PCM1851PJT Datasheet HTML 14Page - Texas Instruments PCM1851PJT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
PCM1850
PCM1851
SLES108 − MARCH 2004
www.ti.com
11
Figure 13
0.001
0.002
0.003
0.004
16
36
56
76
96
fSAMPLE Condition – kHz
TOTAL HARMONIC DISTORTION + NOISE
vs
fSAMPLE CONDITION
Figure 14
97
98
99
100
101
102
103
104
105
106
107
16
36
56
76
96
DYNAMIC RANGE and SNR
vs
fSAMPLE CONDITION
SNR
Dynamic Range
fSAMPLE Condition – kHz
OUTPUT SPECTRUM
Figure 15
f – Frequency – kHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
AMPLITUDE
vs
FREQUENCY
Input Level = –60 dB
Data Points = 8192
Figure 16
f – Frequency – kHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
Input Level = –0.5 dB
Data Points = 8192
AMPLITUDE
vs
FREQUENCY
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 48 kHz, system clock = 256 fS, 24-bit data, unless otherwise noted


Similar Part No. - PCM1851PJT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1851PJT BURR-BROWN-PCM1851PJT Datasheet
370Kb / 10P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 X 2-CHANNEL MUX AND PGA
PCM1851PJTR BURR-BROWN-PCM1851PJTR Datasheet
370Kb / 10P
   24-BIT, 96-kHz STEREO A/D CONVERTER WITH 6 X 2-CHANNEL MUX AND PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com