Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1807 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1807
Description  96-kHz Stereo A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1807 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1807 Datasheet HTML 1Page - Texas Instruments PCM1807 Datasheet HTML 2Page - Texas Instruments PCM1807 Datasheet HTML 3Page - Texas Instruments PCM1807 Datasheet HTML 4Page - Texas Instruments PCM1807 Datasheet HTML 5Page - Texas Instruments PCM1807 Datasheet HTML 6Page - Texas Instruments PCM1807 Datasheet HTML 7Page - Texas Instruments PCM1807 Datasheet HTML 8Page - Texas Instruments PCM1807 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM1807
SLES147 – SEPTEMBER 2005
Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
DVD Recorder
24-Bit Delta-Sigma Stereo A/D Converter
Digital TV
Single-Ended Voltage Input: 3 Vp-p
AV Amplifier/Receiver
Oversampling Decimation Filter:
MD Player
– Oversampling Frequency:
×64
CD Recorder
– Pass-Band Ripple: ±0.05 dB
Multitrack Receiver
– Stop-Band Attenuation: –65 dB
Electric Musical Instrument
– On-Chip High-Pass Filter: 0.91 Hz (48 kHz)
High Performance:
– THD+N: –93 dB (Typical)
The
PCM1807
is
high-performance,
low-cost,
– SNR: 99 dB (Typical)
single-chip stereo analog-to-digital converter with
single-ended analog voltage input. The PCM1807
– Dynamic Range: 99 dB (Typical)
uses
a
delta-sigma
modulator
with
64-times
PCM Audio Interface With SPI Control:
oversampling and includes a digital decimation filter
– Master/Slave Mode Selectable
and high-pass filter that removes the dc component
of the input signal. For various applications, the
– Data Formats: 24-Bit Left-Justified, 24-Bit
PCM1807 supports master and slave mode and two
I2S
data formats in serial audio interface.
Multiple Functions with SPI Control:
The PCM1807 has many functions which are con-
– Power Down
trolled through SPI serial-control port: power down,
– Mute with Fade-Out and Fade-In
fade-in and fade-out, polarity control, etc.
– Polarity Control
The
PCM1807
is
suitable
for
wide
variety
of
Analog Antialias LPF Included
cost-sensitive consumer applications where good per-
Sampling Rate: 16–96 kHz
formance and operation with a 5-V analog supply and
3.3-V digital supply is required. The PCM1807 is
System Clock: 256 fS, 384 fS, 512 fS
fabricated using a highly advanced CMOS process
Dual Power Supplies:
and is available in a small, 14-pin TSSOP package.
– 5-V for Analog
– 3.3-V for Digital
Package: 14-Pin TSSOP
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1807

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
   Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PCM1807PW BURR-BROWN-PCM1807PW Datasheet
426Kb / 29P
   Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PCM1807PWR BURR-BROWN-PCM1807PWR Datasheet
426Kb / 29P
   Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
More results

Similar Description - PCM1807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com