Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA4908 Datasheet(PDF) 1 Page - Rohm

Part # BA4908
Description  System Regulator for Car Stereo
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4908 Datasheet(HTML) 1 Page - Rohm

  BA4908 Datasheet HTML 1Page - Rohm BA4908 Datasheet HTML 2Page - Rohm BA4908 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
Features
Applications
Car stereo
Dimension (Unit : mm)
Derating : 27.2mW/˚C for operation above Ta=25˚C
Electric characteristic is not guaranteed. (Especially at low input voltage)
03W201A
BA4908
System Regulator for Car Stereo
SIP-M12
1.2
1
2.54
0.6
12
29.8 ± 0.2
24.0 ± 0.1
0.4 ± 0.1
4.7 ± 0.2
R1.8
Absolute Maximum Ratings (Ta=25˚C)
Parameter
Symbol
Limits
Unit
Vcc
Pd
Topr
Tstg
24
3000
+85
+150
-30
-55
~
~
mW
˚C
˚C
V
Vcc
16
10
13.2
V
Vcc
24
6.3
13.2
V
Recommended Operating Conditions (Ta=25˚C)
Parameter
Min.
Max.
Unit
Typ.
Symbol
Power supply voltage
Power dissipation
Recommended supply voltage
Operating voltage range
Operating temperature range
Storage temperature range
BA4908 is a system regulator IC for car stereo.
This IC incorporates 1 channel of 5.6V output,
2 channels of 8.7V output and 2 channels of
high side switch.
1) PNP output and low drop out type (Except AMP and ANT)
2) Built-in output current limit circuit to protect IC from
destruction by short
3) Built-in over-voltage protection circuit to deliver strong
design for surge input to BACK UP and Vcc
4) 12 pin power package perfect for space saving design
5) Built-in thermal protection circuit to protect IC from
thermal destruction


Similar Part No. - BA4908

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4900 ROHM-BA4900 Datasheet
169Kb / 10P
   System power supply for car stereos
logo
List of Unclassifed Man...
BA4905-V3 ETC-BA4905-V3 Datasheet
16Kb / 1P
   Regulator
logo
Rohm
BA4907FP ROHM-BA4907FP Datasheet
190Kb / 4P
   System Power Suplly with Voltage Detector Function
More results

Similar Description - BA4908

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4911 ROHM-BA4911 Datasheet
220Kb / 3P
   System regulator for car stereo
logo
Sanyo Semicon Device
LA1862M SANYO-LA1862M Datasheet
823Kb / 28P
   Single-Chip Tuner System for Car Stereo
logo
Renesas Technology Corp
M62419FP RENESAS-M62419FP Datasheet
118Kb / 9P
   Sound Controller for Car Stereo
logo
Mitsubishi Electric Sem...
M62419FP MITSUBISHI-M62419FP Datasheet
57Kb / 6P
   SOUND CONTROLLER FOR CAR STEREO
logo
Sanyo Semicon Device
LA3370 SANYO-LA3370 Datasheet
389Kb / 11P
   PLL FM Multiplex Stereo Demodulator for Car Stereo
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
logo
Sanyo Semicon Device
LA3161 SANYO-LA3161 Datasheet
187Kb / 7P
   2-Channel Preamplifier For Car Stereo?
logo
Princeton Technology Co...
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com