Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM55HPG6 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM55HPG6
Description  DIGITAL-TO-ANALOG CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM55HPG6 Datasheet(HTML) 3 Page - Texas Instruments

  PCM55HPG6 Datasheet HTML 1Page - Texas Instruments PCM55HPG6 Datasheet HTML 2Page - Texas Instruments PCM55HPG6 Datasheet HTML 3Page - Texas Instruments PCM55HPG6 Datasheet HTML 4Page - Texas Instruments PCM55HPG6 Datasheet HTML 5Page - Texas Instruments PCM55HPG6 Datasheet HTML 6Page - Texas Instruments PCM55HPG6 Datasheet HTML 7Page - Texas Instruments PCM55HPG6 Datasheet HTML 8Page - Texas Instruments PCM55HPG6 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
®
PCM54/55
3
CONNECTION DIAGRAMS
PIN
PCM54-DIP
PIN
PCM54-DIP
1
Trim
15
Bit 13
2
Bit 1 (MSB)
16
Bit 14
3
Bit 2
17
Bit 15
4
NC
18
Bit 16 (LSB)
5
Bit 3
19
VOUT
6
Bit 4
20
RFB
7
Bit 5
21
SJ
8
Bit 6
22
Common
9
Bit 7
23
IOUT
10
Bit 8
24
NC
11
Bit 9
25
IBPO
12
Bit 10
26
+VCC
13
Bit 11
27
MSB Adjust
14
Bit 12
28
–VCC
PIN ASSIGNMENTS
PIN
PCM55-SOIC
PIN
PCM55-SOIC
1
Bit 1 (MSB)
13
Bit 13
2
Bit 2
14
Bit 14
3
Bit 3
15
Bit 15
4
Bit 4
16
Bit 16
5
Bit 5
17
VOUT
6
Bit 6
18
Feedback Resistor
7
Bit 7
19
Summing Junction
8
Bit 8
20
Common
9
Bit 9
21
Current Output
10
Bit 10
22
Bipolar Offset
11
Bit 11
23
+VCC
12
Bit 12
24
–VCC
PIN ASSIGNMENTS
DC Supply Voltage ......................................................................
±18VDC
Input Logic Voltage ............................................................... –1V to +5.5V
Power Dissipation .................................. PCM54 800mW, PCM55 400mW
Storage Temperature ...................................................... –55
°C to +100°C
Lead Temperature, (soldering, 10s) .............................................. +300
°C
ABSOLUTE MAXIMUM RATINGS
ORDERING INFORMATION
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
PCM54HP
28-Pin DIP
215
PCM54JP
28-Pin DIP
215
PCM54KP
28-Pin DIP
215
PCM55HP
24-Lead SOIC
178
PCM55JP
24-Lead SOIC
178
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PRODUCT
THD at FS
PACKAGE
PCM54HP
0.008
28-Pin DIP
PCM54JP
0.004
28-Pin DIP
PCM54KP
0.0025
28-Pin DIP
PCM55HP
0.008
24-Lead SOIC
PCM55JP
0.004
24-Lead SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
0.1
µF
PCM54
16-Bit
Ladder
Resistor
Network
and
Switches
Zener
Voltage
Reference
Data
Inputs
1
µF
1
µF
(2)
(3)
+
+
Common
+V
CC
Audio
V
OUT
100k
560k
330k
1M
(1)
–V
CC
(Optional)
24
23
22
21
20
19
18
17
16
15
14
13
1µF
PCM55
16-Bit
Ladder
Resistor
Network
and
Switches
Zener
Voltage
Reference
Data
Inputs
1µF
(2)
+
Common
+V
CC
Audio
V
OUT
(1)
–V
CC
1
2
3
4
5
6
7
8
9
10
11
12
+
(2)
NOTES: (1) MSB error (BPZ differential linearity error) can be adjusted to zero
using this external circuit. (2) Connect to bipolar operation (+VCC ≥ 8.5V for
unipolar operation). (3) Connect for VOUT operation. When VOUT amp is not being
used (IOUT mode), terminate with an external 3kΩ feedback resistor between pin
19 and pin 21, and a 1k
Ω resistor between pin 21 and pin 22 to reduce possible
noise effects.
NOTES: (1) Connect for bipolar operation. (+VCC ≥ 8.5V for unipolar operation.)
(2) Connect for VOUT operation. When VOUT amp is not being used (IOUT mode),
terminate with an external 3k
Ω feedback resistor between pin 17 and pin 19, and
a 1k
Ω resistor between pin 19 and pin 20 to reduce possible noise effects.
Not Recommended For New Designs


Similar Part No. - PCM55HPG6

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM55HP BURR-BROWN-PCM55HP Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - PCM55HPG6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com