Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1801 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1801
Description  STEREO ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1801 Datasheet(HTML) 2 Page - Texas Instruments

  PCM1801_13 Datasheet HTML 1Page - Texas Instruments PCM1801_13 Datasheet HTML 2Page - Texas Instruments PCM1801_13 Datasheet HTML 3Page - Texas Instruments PCM1801_13 Datasheet HTML 4Page - Texas Instruments PCM1801_13 Datasheet HTML 5Page - Texas Instruments PCM1801_13 Datasheet HTML 6Page - Texas Instruments PCM1801_13 Datasheet HTML 7Page - Texas Instruments PCM1801_13 Datasheet HTML 8Page - Texas Instruments PCM1801_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PCM1801
SBAS131C – OCTOBER 2000 – REVISED JULY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
PACKAGE
ORDERING
TRANSPORT
QUANTITY
TYPE
CODE
MARKING
NUMBER
MEDIA
PCM1801U
Rails
56
PCM1801U
14-pin SOIC
D
PCM1801U
PCM1801U/2K
Tape and reel
2000
Supply voltage: VDD, VCC
–0.3 V to 6.5 V
Supply voltage differences: VDD, VCC
±0.1 V
GND voltage differences: AGND, DGND
±0.1 V
Digital input voltage
–0.3 V to (VDD + 0.3 V), < 6.5 V
Analog input voltage
–0.3 V to (VCC + 0.3 V), < 6.5 V
Input current (any pin except supplies)
±10 mA
Power dissipation
300 mW
Operating temperature range
–25
°C to 85°C
Storage temperature
–55
°C to 125°C
Lead temperature, soldering
260
°C, 5 s
Package temperature (IR reflow, peak)
235
°C
over operating free-air temperature range
MIN
NOM
MAX
UNIT
Analog supply voltage, VCC
4.5
5
5.5
V
Digital supply voltage, VDD
4.5
5
5.5
V
Analog input voltage, full-scale (–0 dB)
2.828
Vp-p
Digital input logic family
TTL
System clock
8.192
24.576
MHz
Digital input clock frequency
Sampling clock
32
48
kHz
Digital output load capacitance
10
pF
Operating free-air temperature, TA
–25
85
°C
2
Submit Documentation Feedback


Similar Part No. - PCM1801_13

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1801U BURR-BROWN-PCM1801U Datasheet
101Kb / 13P
   16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - PCM1801_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1800 TI1-PCM1800_16 Datasheet
829Kb / 27P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com