Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1792 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1792
Description  AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1792 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1792 Datasheet HTML 1Page - Texas Instruments PCM1792 Datasheet HTML 2Page - Texas Instruments PCM1792 Datasheet HTML 3Page - Texas Instruments PCM1792 Datasheet HTML 4Page - Texas Instruments PCM1792 Datasheet HTML 5Page - Texas Instruments PCM1792 Datasheet HTML 6Page - Texas Instruments PCM1792 Datasheet HTML 7Page - Texas Instruments PCM1792 Datasheet HTML 8Page - Texas Instruments PCM1792 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS (Continued)
all specifications at TA = 25°C, VCC1 = VCC2L = VCC2R = 5 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit data unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM1792DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE (PCM MODE, 2-V RMS OUTPUT) (1)(2)
fS = 44.1 kHz
0.0004%
0.0008%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.0008%
THD+N at VOUT = 0 dB
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 44.1 kHz
123
127
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
127
dB
Dynamic range
EIAJ, A-weighted, fS = 192 kHz
127
dB
EIAJ, A-weighted, fS = 44.1 kHz
123
127
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
127
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 192 kHz
127
dB
fS = 44.1 kHz
120
123
Channel separation
fS = 96 kHz
122
dB
Channel separation
fS = 192 kHz
120
dB
Level Linearity Error
VOUT = −120 dB
±1
dB
DYNAMIC PERFORMANCE (PCM Mode, 4.5-V RMS Output) (1)(3)
fS = 44.1 kHz
0.0004%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.0008%
THD+N at VOUT = 0 dB
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 44.1 kHz
129
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
129
dB
Dynamic range
EIAJ, A-weighted, fS = 192 kHz
129
dB
EIAJ, A-weighted, fS = 44.1 kHz
129
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
129
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 192 kHz
129
dB
fS = 44.1 kHz
124
Channel separation
fS = 96 kHz
123
dB
Channel separation
fS = 192 kHz
121
dB
DYNAMIC PERFORMANCE (MONO MODE) (1)(3)
fS = 44.1 kHz
0.0004%
THD+N at VOUT = 0 dB
fS = 96 kHz
0.0008%
THD+N at VOUT = 0 dB
fS = 192 kHz
0.0015%
EIAJ, A-weighted, fS = 44.1 kHz
132
Dynamic range
EIAJ, A-weighted, fS = 96 kHz
132
dB
Dynamic range
EIAJ, A-weighted, fS = 192 kHz
132
dB
EIAJ, A-weighted, fS = 44.1 kHz
132
Signal-to-noise ratio
EIAJ, A-weighted, fS = 96 kHz
132
dB
Signal-to-noise ratio
EIAJ, A-weighted, fS = 192 kHz
132
dB
(1) Filter condition:
THD+N: 20-Hz HPF, 20-kHz apogee LPF
Dynamic range: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Signal-to-noise ratio: 20-Hz HPF, 20-kHz AES17 LPF, A-weighted
Channel separation: 20-Hz HPF, 20-kHz AES17 LPF
Analog performance specifications are measured using the System Two
t Cascade audio measurement system by Audio Precision in the
averaging mode.
(2) Dynamic performance and dc accuracy are specified at the output of the postamplifier as shown in Figure 36.
(3) Dynamic performance and dc accuracy are specified at the output of the postamplifier as shown in Figure 37.
Audio Precision and System Two are trademarks of Audio Precision, Inc.
Other trademarks are the property of their respective owners.


Similar Part No. - PCM1792

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1792 TI-PCM1792 Datasheet
517Kb / 10P
[Old version datasheet]   24 BIT 192KHZ SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1792A BURR-BROWN-PCM1792A Datasheet
487Kb / 59P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
PCM1792ADB BURR-BROWN-PCM1792ADB Datasheet
487Kb / 59P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
PCM1792ADBG4 BURR-BROWN-PCM1792ADBG4 Datasheet
487Kb / 59P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
PCM1792ADBR BURR-BROWN-PCM1792ADBR Datasheet
487Kb / 59P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
More results

Similar Description - PCM1792

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1717 BURR-BROWN-PCM1717 Datasheet
126Kb / 14P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com