Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD720130 Datasheet(PDF) 25 Page - NEC

Part # UPD720130
Description  USB2.0 to IDE Bridge
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720130 Datasheet(HTML) 25 Page - NEC

Back Button UPD720130 Datasheet HTML 21Page - NEC UPD720130 Datasheet HTML 22Page - NEC UPD720130 Datasheet HTML 23Page - NEC UPD720130 Datasheet HTML 24Page - NEC UPD720130 Datasheet HTML 25Page - NEC UPD720130 Datasheet HTML 26Page - NEC UPD720130 Datasheet HTML 27Page - NEC UPD720130 Datasheet HTML 28Page - NEC UPD720130 Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Data Sheet S16302EJ3V0DS
25
µµµµPD720130
(2/2)
Parameter
Symbol
Conditions
Min.
Max.
Unit
High-speed Source Electrical Characteristics
Rise time (10% - 90%)
tHSR
500
ps
Fall time (90% - 10%)
tHSF
500
ps
Driver waveform
See Figure 3-6.
High-speed data rate
tHSDRAT
479.760
480.240
Mbps
Microframe interval
tHSFRAM
124.9375
125.0625
µs
Consecutive microframe interval difference
tHSRFI
4 high-
speed
Bit
times
Data source jitter
See Figure 3-6.
Receiver jitter tolerance
See Figure 3-4.
Device Event Timings
Time from internal power good to device
pulling D+ beyond VIHZ (min.) (signaling
attached)
tSIGATT
100
ms
Debounce interval provided by USB
system software after attach
tATTDB
100
ms
Inter-packet delay for full-speed
tIPD
2Bit
times
Inter-packet delay for device response
w/detachable cable for full-speed
tRSPIPD1
6.5
Bit
times
High-speed detection start time from
suspend
tSCA
2.5
µs
Sample time for suspend vs reset
tCSR
100
875
µs
Time to detect bus suspend state
tSPD
3.000
3.125
ms
Power down under suspend
tSUS
10
ms
Reversion time from suspend to high-
speed
tRHS
1.333
µs
Drive Chirp K width
tCKO
1ms
Finish Chirp K assertion
tFCA
7ms
Start sequencing Chirp K-J-K-J-K-J
tSSC
100
µs
Finish sequencing Chirp K-J
tFSC
−500
−100
µs
Detect sequencing Chirp K-J width
tCSI
2.5
µs
Sample time for sequencing Chirp
tSCS
12.5
ms
Reversion time to high-speed
tRHA
500
µs
High-speed detection start time
tHDS
2.5
3000
µs
Reset completed time
tDRS
10
ms


Similar Part No. - UPD720130

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720130 RENESAS-UPD720130 Datasheet
518Kb / 46P
   MOS INTEGRATED CIRCUIT
2002
UPD720130GC-9EU RENESAS-UPD720130GC-9EU Datasheet
518Kb / 46P
   MOS INTEGRATED CIRCUIT
2002
UPD720130GC-9EU-A RENESAS-UPD720130GC-9EU-A Datasheet
518Kb / 46P
   MOS INTEGRATED CIRCUIT
2002
UPD720130GC-9EU-SIN RENESAS-UPD720130GC-9EU-SIN Datasheet
518Kb / 46P
   MOS INTEGRATED CIRCUIT
2002
More results

Similar Description - UPD720130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6395 ETC2-AU6395 Datasheet
740Kb / 22P
   USB2.0 to SATA Bridge Controller
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
   Hi-Speed USB to IDE Bridge Controller
logo
Future Technology Devic...
FT4222HQ-C-R FTDI-FT4222HQ-C-R Datasheet
1Mb / 49P
   USB2.0 to QuadSPI/I2C Bridge IC
logo
Oxford Semiconductor
OXUSB954 OXFORD-OXUSB954 Datasheet
54Kb / 2P
   USB2.0 to Quad Serial Port Bridge
logo
List of Unclassifed Man...
AU6390 ETC2-AU6390 Datasheet
435Kb / 19P
   USB2.0 to ATA/ATAPI Bridge Controller
AU6391 ETC2-AU6391 Datasheet
673Kb / 22P
   USB2.0 to ATA/ATAPI Bridge Controller
logo
Oxford Semiconductor
OXUF924DSA OXFORD-OXUF924DSA Datasheet
65Kb / 2P
   FireWire400, FireWire800 & USB2.0 to Dual SATA Bridge
logo
List of Unclassifed Man...
PL-3507 ETC-PL-3507 Datasheet
35Kb / 1P
   Hi-Speed USB & IEEE1394 Combo to IDE Bridge Controller
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
   PCI to IDE/ATA
logo
Cypress Semiconductor
SL11RIDE CYPRESS-SL11RIDE Datasheet
316Kb / 27P
   USB to IDE/ATAPI Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com