Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD720122 Datasheet(PDF) 9 Page - NEC

Part # UPD720122
Description  MOS Integrated Circuit
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720122 Datasheet(HTML) 9 Page - NEC

Back Button UPD720122 Datasheet HTML 5Page - NEC UPD720122 Datasheet HTML 6Page - NEC UPD720122 Datasheet HTML 7Page - NEC UPD720122 Datasheet HTML 8Page - NEC UPD720122 Datasheet HTML 9Page - NEC UPD720122 Datasheet HTML 10Page - NEC UPD720122 Datasheet HTML 11Page - NEC UPD720122 Datasheet HTML 12Page - NEC UPD720122 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
Data Sheet S16685EJ2V0DS
9
µPD720122
1.
PIN INFORMATION
(1/2)
Pin Name
I/O
Buffer Type
Active
Level
Function
RESETB
I
5 V tolerant Input Schmitt
Low
Asynchronous reset signaling
XIN_CLK
I
3.3 V Input
System clock input or oscillator In
XOUT
O
3.3 V Output
Oscillator out
CSB
I
5 V tolerant Input
Low
Chip select signal
INTB_ALL
O
5 V tolerant Output
Low
Interrupt request signal
ALE
I
5 V tolerant Input
High
Address strobe signal (Function2/3)
A(7:1)
I
5 V tolerant Input
Address input (Function1)
D(15:0)
I/O
5 V tolerant I/O
Data bus (I/O) (Function1)
AD(7:0)
I/O
5 V tolerant I/O
Address/data multiplexed bus (I/O) (Function2)
D0
I/O
5 V tolerant I/O
Data bus (I/O) (Function3)
AD(7:1)
I/O
5 V tolerant I/O
Address/data multiplexed bus (I/O) (Function3)
D(15:8)
I/O
5 V tolerant I/O
Data bus (I/O) (Function3)
WRB
I
5 V tolerant Input
Low
Write command input
RDB
I
5 V tolerant Input
Low
Read command input
INT0B
O
5 V tolerant Output
Low
Interrupt request (INT Status 0)
INT1B
O
5 V tolerant Output
Low
Interrupt request (INT Status 1)
INT2B
O
5 V tolerant Output
Low
Interrupt request (INT Status 2)
ACTIVE
I
5 V tolerant Input
DMA-related pins active level select(Function2/3)
SCAN(1:0)
I
3.3 V Input 50 k
Ω Pull Down
Chip test pin.
M2
O
5 V tolerant Output
Status output pin
EP1_DRQB
O
5 V tolerant Output
Low
DMA transfer request output pin of EP1
EP1_DACKB
I
5 V tolerant Input
Low
DMA transfer enable input pin of EP1
EP1_RDB
I
5 V tolerant Input
Low
DMA Read command input pin of EP1
EP1_TCB
I
5 V tolerant Input
Low
DMA terminal count input pin of EP1
FM21
I
3.3 V Input
NEC Electronics test pin
EP2_DRQB
O
5 V tolerant Output
Low
DMA transfer request output pin of EP2
EP2_DACKB
I
5 V tolerant Input
Low
DMA transfer enable input pin of EP2
EP2_WRB
I
5 V tolerant Input
Low
DMA Write command input pin of EP2
EP2_TCB
I
5 V tolerant Input
Low
DMA terminal count input pin of EP2
LD(15:0)
I/O
5 V tolerant I/O
Data bus (I/O) pin for external local bus
BUNRI
I
5V torelant Input
NEC Electronics test pin
RREF
A
Analog
Reference resistor
RPU
A
USB pull-up control
USB’s 1.5 k
Ω pull-up resistor control
RSDP
O
USB full speed D+ O
USB’s full speed D+ signal
DP
I/O
USB high speed D+ I/O
USB’s high speed D+ signal
DM
I/O
USB high speed D- I/O
USB’s high speed D
− signal


Similar Part No. - UPD720122

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720122 RENESAS-UPD720122 Datasheet
1Mb / 86P
   MOS Integrated Circuit
2003
More results

Similar Description - UPD720122

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com