Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH50D48NP-681KC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH50D48NP-681KC
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH50D48NP-681KC Datasheet(HTML) 2 Page - Sumida Corporation

  CDH50D48NP-681KC Datasheet HTML 1Page - Sumida Corporation CDH50D48NP-681KC Datasheet HTML 2Page - Sumida Corporation CDH50D48NP-681KC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH50D48
0
1000
2000
3000
4000
5000
6000
0.00 0.02 0.04 0.06 0.08 0.10 0.12
0
10
20
30
40
50
60
0
700
1400
2100
2800
3500
4200
0.00 0.03 0.06 0.09 0.12 0.15 0.18
0
10
20
30
40
50
60
0
400
800
1200
1600
2000
2400
0.00 0.03 0.06 0.09 0.12 0.15 0.18
0
10
20
30
40
50
60
0
300
600
900
1200
1500
1800
0.00 0.04 0.08 0.12 0.16 0.20 0.24
0
10
20
30
40
50
60
0
200
400
600
800
1000
1200
0.00 0.04 0.08 0.12 0.16 0.20 0.24
0
10
20
30
40
50
60
0
150
300
450
600
750
900
0.00 0.06 0.12 0.18 0.24 0.30 0.36
0
10
20
30
40
50
60
0
100
200
300
400
500
600
0.00 0.08 0.16 0.24 0.32 0.40 0.48
0
10
20
30
40
50
60
0
60
120
180
240
300
360
0.00 0.08 0.16 0.24 0.32 0.40 0.48
0
10
20
30
40
50
60
0
40
80
120
160
200
240
0.00 0.10 0.20 0.30 0.40 0.50 0.60
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.00 0.15 0.30 0.45 0.60 0.75 0.90
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.00 0.15 0.30 0.45 0.60 0.75 0.90
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDH50D48NP-101KC
△T (℃)
L (
μH)
2. CDH50D48NP-151KC
△T (℃)
L (
μH)
3. CDH50D48NP-221KC
L (
μH)
DC (A)
5. CDH50D48NP-471KC
△T (℃)
L (
μH)
6. CDH50D48NP-681KC
△T (℃)
L (
μH)
DC (A)
7. CDH50D48NP-102KC
△T (℃)
L (
μH)
8. CDH50D48NP-152KC
△T (℃)
L (
μH)
DC (A)
9. CDH50D48NP-222KC
△T (℃)
L (
μH)
DC (A)
4. CDH50D48NP-331KC
△T (℃)
DC (A)
DC (A)
10. CDH50D48NP-332KC
△T (℃)
L (
μH)
DC (A)
11. CDH50D48NP-472KC
△T (℃)
L (
μH)
DC (A)
DC (A)
DC (A)
DC (A)
L (20
℃)
△T
L (105
℃)
△T (℃)
L (
μH)


Similar Part No. - CDH50D48NP-681KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH50D48NP-681KC SUMIDA-CDH50D48NP-681KC Datasheet
146Kb / 3P
   Ferrite drum core construction
More results

Similar Description - CDH50D48NP-681KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com