Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR105BNP-181KC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR105BNP-181KC
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR105BNP-181KC Datasheet(HTML) 2 Page - Sumida Corporation

  CDR105BNP-181KC Datasheet HTML 1Page - Sumida Corporation CDR105BNP-181KC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDR Series>
Type: CDR105B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Part name
Stamp
Inductance
(
μH) ※1
D.C.R. (
Ω)
[MAX.]
(at 20
℃)
Rated Current
(A)
※2
S.R.F.(MHz)
[Ref.]
CDR105BNP-100M
100
10±20%
0.06
2.06
29.1
CDR105BNP-120M
120
12±20%
0.07
1.94
26.5
CDR105BNP-150M
150
15±20%
0.07
1.72
24.2
CDR105BNP-180M
180
18±20%
0.08
1.58
21.8
CDR105BNP-220M
220
22±20%
0.08
1.42
18.8
CDR105BNP-270M
270
27±20%
0.10
1.32
17.1
CDR105BNP-330L
330
33±15%
0.11
1.16
14.2
CDR105BNP-390L
390
39±15%
0.12
1.10
14.1
CDR105BNP-470L
470
47±15%
0.14
1.00
11.5
CDR105BNP-560L
560
56±15%
0.19
0.93
11.1
CDR105BNP-680L
680
68±15%
0.21
0.85
10.2
CDR105BNP-820L
820
82±15%
0.28
0.79
9.2
CDR105BNP-101K
101
100±10%
0.34
0.72
8.1
CDR105BNP-121K
121
120±10%
0.37
0.63
7.3
CDR105BNP-151K
151
150±10%
0.51
0.55
6.2
CDR105BNP-181K
181
180±10%
0.57
0.50
5.6
CDR105BNP-221K
221
220±10%
0.78
0.47
5.4
CDR105BNP-271K
271
270±10%
0.87
0.41
5.0
CDR105BNP-331K
331
330±10%
1.20
0.37
4.2
CDR105BNP-391K
391
390±10%
1.34
0.35
3.8
CDR105BNP-471K
471
470±10%
1.50
0.33
3.5
Description of part name
CDR105BNP-100M
※1: Measuring frequency: 10μH ~ 82μH at 2.52 MHz;
100
μH~470μH at 1 kHz.
※2: Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
△t=40℃, whichever is lower(Ta=20℃).
B
Box
C
Carrier Tape


Similar Part No. - CDR105BNP-181KC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR105BNP-181KC SUMIDA-CDR105BNP-181KC Datasheet
227Kb / 3P
   POWER INDUCTORS
More results

Similar Description - CDR105BNP-181KC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com